Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002L Datasheet (PDF) - Texas Instruments

2N7002L Datasheet PDF - Texas Instruments
Part # 2N7002L
Download  2N7002L Download
File Size   833.3 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2N7002L-Q1 6V N-channel MOSFET

2N7002L Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002L Datasheet PDF - Texas Instruments

Part # 2N7002L
Download  2N7002L Click to download

File Size   833.3 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2N7002L-Q1 6V N-channel MOSFET

2N7002L Datasheet (HTML) - Texas Instruments


2N7002L Product details

1 Features
• Low On-Resistantance
• Low Gate Threshold Voltage
• Low Input Capacitance
• Fast Switching Speed
• Operating Junction and Storage Temperature:
– –65°C to +150°C
• 2kV Gate-Source ESD Rating

2 Applications
• Personal Electronics
• Building Automation
• Industrial Automation

3 Description
This device is a N-channel Field-Effect Transistor in a
plastic package. It has been designed to minimize the
on-state resistance while maintaining fast switching
performance.




Similar Part No. - 2N7002L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7002L ONSEMI-2N7002L Datasheet
58Kb / 4P
Small Signal MOSFET 60 V, 115 mA, N-Channel SOT-23
July, 2004 ??Rev. 2
logo
Unisonic Technologies
2N7002L UTC-2N7002L Datasheet
162Kb / 3P
60V, 115mA, N-CHANNEL MOSFET
logo
ON Semiconductor
2N7002L ONSEMI-2N7002L Datasheet
64Kb / 4P
Small Signal MOSFET
October, 2016 ??Rev. 8
logo
ARTSCHIP ELECTRONICS CO...
2N7002L ARTSCHIP-2N7002L Datasheet
207Kb / 4P
Small signal MOSFET
logo
ON Semiconductor
2N7002L ONSEMI-2N7002L Datasheet
265Kb / 7P
MOSFET – N-Channel, Small Signal, SOT-23 60 V, 115 mA
June, 2024 - Rev. 11
More results


Similar Description - 2N7002L

ManufacturerPart #DatasheetDescription
logo
Rohm
BA526 ROHM-BA526 Datasheet
69Kb / 3P
6V/430mW single-channel power amplifier
BA546 ROHM-BA546 Datasheet
156Kb / 6P
6V/330mW single-channel power amplifier
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
logo
Texas Instruments
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
logo
Linear Technology
LTC1163 LINER-LTC1163_15 Datasheet
214Kb / 8P
Triple 1.8V to 6V High-Side MOSFET Drivers
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com