Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA546 Datasheet (PDF) - Rohm

BA546 Datasheet PDF - Rohm
Part # BA546
Download  BA546 Download
File Size   156.4 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 6V/330mW single-channel power amplifier

BA546 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA546 Datasheet PDF - Rohm

Part # BA546
Download  BA546 Click to download

File Size   156.4 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 6V/330mW single-channel power amplifier

BA546 Datasheet (HTML) - Rohm


BA546 Product details

The BA546 is a monolithic power amplifier designed for use in portable radios, tape recorders and interphones. With a 6V power supply voltage, it has a rated output of 330mW into an 8Ωload (THD = 10%), and a maximum output of 550mW. It comes in a compact 9-pin SIP package with no heatsink fins.



Features

1) High output. POUT = 330mW (VCC= 6V and an 8Ω load (THD = 10%)). See Fig. 2.

2) Good low voltage characteristics. Begins operating at less than 2V (see Fig. 1).

3) 9-pin SIP package; around the same size as a preamplifier.

4) Pin compatible with the Rohm BA526 and BA527 power ICs. Choose to suit your application.

5) Low current dissipation (4.8mA Typ.).



Applications

Portable radios, cassette recorders, and interphones.




Similar Part No. - BA546

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA546 ETC2-BA546 Datasheet
2Mb / 31P
SEMICONDUCTORS
BA546 ETC1-BA546 Datasheet
163Kb / 1P
Silicljeve planarne signalne diode Silicon planar signal diodes
More results


Similar Description - BA546

ManufacturerPart #DatasheetDescription
logo
Rohm
BA526 ROHM-BA526 Datasheet
69Kb / 3P
6V/430mW single-channel power amplifier
logo
Micro Commercial Compon...
BCW66H MCC-BCW66H Datasheet
90Kb / 2P
NPN Small Signal Transistor 330mW
BCW68G MCC-BCW68G Datasheet
89Kb / 2P
PNP Small Signal Transistor 330mW
logo
Rohm
BA534 ROHM-BA534 Datasheet
126Kb / 4P
9V/2.3W single-channel power amplifier BA534
logo
Maxim Integrated Produc...
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
logo
Holtek Semiconductor In...
HT82V735 HOLTEK-HT82V735 Datasheet
131Kb / 9P
330mW Stereo Audio Power Amp With Shutdown
February 18, 2004
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
logo
RF Micro Devices
RFCA8828 RFMD-RFCA8828 Datasheet
2Mb / 16P
5V or 6V Single Supply
logo
Micro Commercial Compon...
BCW68G MCC-BCW68G_13 Datasheet
227Kb / 3P
PNP Small Signal Transistor 330mW
logo
Maxim Integrated Produc...
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com