Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA526 Datasheet (PDF) - Rohm

BA526 Datasheet PDF - Rohm
Part # BA526
Download  BA526 Download
File Size   69.66 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 6V/430mW single-channel power amplifier

BA526 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA526 Datasheet PDF - Rohm

Part # BA526
Download  BA526 Click to download

File Size   69.66 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 6V/430mW single-channel power amplifier

BA526 Datasheet (HTML) - Rohm


BA526 Product details

The BA526 is a high-output monolithic power amplifier with excellent audio quality. With a 6V power supply, it has a rated output of 430mW into an 8Ω load (THD = 10%), and a maximum output of 700mW. It comes in a compact 9-pin SIP package.

Features
1) High output. POUT = 430mW (VCC = 6V and an 8Ω load (THD = 10%).
2) Good low voltage characteristics. Begins operating at 2V.
3) Easy-to-mount 9-pin SIP package.
4) Extremely low high-frequency distortion with small signals. Uses soft clipping for good audio quality.
5) Power-on “pop” noise is suppressed.
6) Low noise.

Applications
    Portable radios, TV sets, cassette recorders, interphones, and wireless tranceivers




Similar Part No. - BA526

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA526 ETC2-BA526 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - BA526

ManufacturerPart #DatasheetDescription
logo
Rohm
BA546 ROHM-BA546 Datasheet
156Kb / 6P
6V/330mW single-channel power amplifier
2SC4774 ROHM-2SC4774 Datasheet
70Kb / 3P
High frequency amplifier transistor RF switching (6V, 50mA)
BA534 ROHM-BA534 Datasheet
126Kb / 4P
9V/2.3W single-channel power amplifier BA534
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
logo
Rohm
2SC4137 ROHM-2SC4137_09 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774_10 Datasheet
240Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
logo
RF Micro Devices
RFCA8828 RFMD-RFCA8828 Datasheet
2Mb / 16P
5V or 6V Single Supply
logo
ON Semiconductor
LM321 ONSEMI-LM321 Datasheet
501Kb / 10P
Single Channel Operational Amplifier
November, 2015 ??Rev. 2
logo
SHENZHEN FUMAN ELECTRON...
TC8871 FUMAN-TC8871 Datasheet
198Kb / 6P
5W Single Channel Class F Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8878 HMSEMI-HM8878 Datasheet
783Kb / 9P
7.5W single channel class F audio power amplifier
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com