Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD852DBZR Datasheet (PDF) - Texas Instruments

ESD852DBZR Datasheet PDF - Texas Instruments
Part # ESD852DBZR
Download  ESD852DBZR Download
File Size   1233.8 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD8x2 2-Channel, 36V ESD Protection Diode

ESD852DBZR Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD852DBZR Datasheet PDF - Texas Instruments

Part # ESD852DBZR
Download  ESD852DBZR Click to download

File Size   1233.8 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD8x2 2-Channel, 36V ESD Protection Diode

ESD852DBZR Datasheet (HTML) - Texas Instruments


ESD852DBZR Product details

1 Features
• Working voltage 36V
• Low leakage current 50nA (maximum)
• IEC 61000-4-2 ESD protection:
– ±25kV contact, ±25kV air (ESD852 SOT-23)
– ±20kV contact, ±20kV air (ESD852 DFN1110-3)
– ±18kV contact, ±18kV air (ESD862)
• IEC 61000-4-5 (8/20μs) Protection:
– 4.3A (ESD852 SOT-23)
– 3.8A (ESD852 DFN1110-3)
– 3.1A (ESD862)
• Bidirectional ESD protection
• Low I/O capacitance:
– 2.8pF typical (ESD852 SOT-23)
– 3.0pF typical (ESD852 DFN1110-3)
– 2.6pF typical (ESD862)
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• Factory automation
• Communication equipments
• USB power delivery (USB-PD):
– VBUS protection
– IO protection (withstand short to VBUS)
• Industrial communications:
– CAN / CAN-FD

3 Description
The ESD8x2 devices are bidirectional ESD protection
diodes for USB power delivery (USB-PD) and
industrial interfaces. The devices are rated to
dissipate ESD that meets or exceeds the maximum
level specified in the IEC 61000-4-2 standard
(±25kV contact and airgap, ±20kV contact and
airgap, or ±18kV contact and airgap). The low
dynamic resistance and low clamping voltage enables
system level protection against transient events. This
protection is key because industrial systems require a
high level of robustness and reliability.
These devices feature a low IO capacitance per
channel and a pin-out to suit two IO lines from
damage caused by electrostatic discharge (ESD)
and other transients. The IPP = 4.3A (8/20μs surge
waveform) capability of the ESD852 makes it an
excellent choice for protecting USB VBUS against
transient surge events as well as industrial I/O lines.
Additionally, the 2.8pF or 2.6pF line capacitance of
the ESD8x2 are an excellent choice for protecting the
slower speed signals for USB power delivery and IO
signals for industrial applications.




Similar Part No. - ESD852DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD852DBZR TI1-ESD852DBZR Datasheet
979Kb / 17P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
ESD852DBZR TI2-ESD852DBZR Datasheet
944Kb / 16P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
ESD852DBZR TI2-ESD852DBZR Datasheet
944Kb / 16P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
ESD852DBZR.B TI2-ESD852DBZR.B Datasheet
944Kb / 16P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
ESD852DBZR.B TI2-ESD852DBZR.B Datasheet
944Kb / 16P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
More results


Similar Description - ESD852DBZR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN004 CALMIRCO-PACDN004 Datasheet
135Kb / 3P
2 CHANNEL ESD PROTECTION ARRAY
logo
ON Semiconductor
PACDN004 ONSEMI-PACDN004 Datasheet
107Kb / 9P
2-Channel ESD Protection Array
May 2010 Rev. 3
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
2 Channel Low Capacitance ESD Protection DIode Array
logo
ON Semiconductor
PACDN004 ONSEMI-PACDN004_15 Datasheet
102Kb / 7P
2-Channel ESD Protection Array
July, 2015 ??Rev. 5
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
Dual Channel ESD protection diode
logo
Texas Instruments
TPD1E10B06 TI-TPD1E10B06_V02 Datasheet
1Mb / 25P
TPD1E10B06 Single-Channel ESD Protection Diode
OCTOBER 2021
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
2-Channel ESD Protection
ESDS302DBVR-TP TECHPUBLIC-ESDS302DBVR-TP Datasheet
2Mb / 4P
2-Line ESD Protection Diode Array
logo
Diodes Incorporated
D3V3M2B3SO DIODES-D3V3M2B3SO Datasheet
381Kb / 5P
2 CHANNEL ESD PROTECTION DIODE
November 2022 Rev. 1 - 2
logo
Texas Instruments
ESD852 TI1-ESD852 Datasheet
979Kb / 17P
ESD8x2 2-Channel, 36 V ESD Protection Diode
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com