Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE16 Datasheet (PDF) - Numonyx B.V

M25PE16 Datasheet PDF - Numonyx B.V
Part # M25PE16
Download  M25PE16 Download
File Size   1212.5 Kbytes
Page   58 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout

M25PE16 Datasheet (PDF)

Go To PDF Page Download Datasheet
M25PE16 Datasheet PDF - Numonyx B.V

Part # M25PE16
Download  M25PE16 Click to download

File Size   1212.5 Kbytes
Page   58 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout

M25PE16 Datasheet (HTML) - Numonyx B.V


M25PE16 Product details

Description

The M25PE16 is a 16-Mbit (2 Mbits × 8) serial paged flash memory accessed by a high speed SPI-compatible bus. The memory can be written or programmed 1 to 256 bytes at a time, using the page write or page program instruction. The page write instruction consists of an integrated page erase cycle followed by a page program cycle.



Features

■ SPI bus compatible serial interface

■ 16-Mbit page-erasable Flash memory

■ Page size: 256 bytes

– Page write in 11 ms (typical)

– Page program in 0.8 ms (typical)

– Page erase in 10 ms (typical)

■ Subsector erase (4 Kbytes)

■ Sector erase (64 Kbytes)

■ Bulk erase (16 Mbits)

■ 2.7 V to 3.6 V single supply voltage

■ 75 MHz clock rate (maximum)

■ Deep power-down mode 1 µA (typical)

■ Electronic signature

– JEDEC standard two-byte signature(8015h)

– Unique ID code (UID) with 16 bytes read only, available upon customer request

■ Software write protection on a 64-Kbyte sector basis

■ Hardware write protection of the memory area selected using the BP0, BP1 and BP2 bits

■ More than 100 000 write cycles

■ More than 20 years data retention

■ Packages

– ECOPACK® (RoHS compliant)




Similar Part No. - M25PE16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
12-Apr-2007
M25PE16-VMP6G STMICROELECTRONICS-M25PE16-VMP6G Datasheet
492Kb / 56P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
12-Apr-2007
M25PE16-VMP6P STMICROELECTRONICS-M25PE16-VMP6P Datasheet
492Kb / 56P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
12-Apr-2007
M25PE16-VMP6TG STMICROELECTRONICS-M25PE16-VMP6TG Datasheet
492Kb / 56P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
12-Apr-2007
M25PE16-VMP6TP STMICROELECTRONICS-M25PE16-VMP6TP Datasheet
492Kb / 56P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
12-Apr-2007
More results


Similar Description - M25PE16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
23-Jan-2007
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
09-Feb-2007
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
25-Jan-2007
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
12-Apr-2007
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
M45PE16 NUMONYX-M45PE16 Datasheet
856Kb / 45P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com