Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE80 Datasheet (PDF) - Numonyx B.V

M25PE80 Datasheet PDF - Numonyx B.V
Part # M25PE80
Download  M25PE80 Download
File Size   1385.37 Kbytes
Page   66 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout

M25PE80 Datasheet (PDF)

Go To PDF Page Download Datasheet
M25PE80 Datasheet PDF - Numonyx B.V

Part # M25PE80
Download  M25PE80 Click to download

File Size   1385.37 Kbytes
Page   66 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout

M25PE80 Datasheet (HTML) - Numonyx B.V


M25PE80 Product details

Description

The M25PE80 is an 8-Mbit (1 Mb ×8) serial paged flash memory accessed by a high speed

SPI-compatible bus.

The memory can be written or programmed 1 to 256 bytes at a time, using the page write or

page program instruction. The page write instruction consists of an integrated page erase

cycle followed by a page program cycle.

The memory is organized as 16 sectors that are further divided up into 16 subsectors each

(256 subsectors in total). Each sector contains 256 pages and each subsector contains 16

pages. Each page is 256-byte wide. Thus, the whole memory can be viewed as consisting

of 4096 pages, or 1 048 576 bytes.



Features

■ SPI bus compatible serial interface

■ 8-Mbit page-erasable flash memory

■ Page size: 256 bytes

  – Page write in 11 ms (typical)

  – Page program in 0.8 ms (typical)

  – Page erase in 10 ms (typical)

■ Subsector erase (4 Kbytes)

■ Sector erase (64 Kbytes)

■ Bulk erase (8 Mbits)

■ 2.7 V to 3.6 V single supply voltage

■ 75 MHz clock rate (maximum)

■ Deep power-down mode 1 µA (typical)

■ Electronic signature

  – JEDEC standard two-byte signature(8014h)

  – Unique ID code (UID) with 16 bytes read only, available upon customer request only in the T9HX process

■ Software write protection on a 64-Kbyte sector basis

■ Hardware write protection of the memory area selected using the BP0, BP1 and BP2 bits

■ More than 100 000 write cycles

■ More than 20 years data retention

■ Packages

  – ECOPACK® (RoHS compliant)



 




Similar Part No. - M25PE80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
M25PE80-VMN6G STMICROELECTRONICS-M25PE80-VMN6G Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
M25PE80-VMN6P STMICROELECTRONICS-M25PE80-VMN6P Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
M25PE80-VMN6TG STMICROELECTRONICS-M25PE80-VMN6TG Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
M25PE80-VMN6TP STMICROELECTRONICS-M25PE80-VMN6TP Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
More results


Similar Description - M25PE80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
28-May-2004
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
23-Jan-2007
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
15-Dec-2006
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
25-Jan-2007
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
12-Apr-2007
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com