Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE20 Datasheet (PDF) - Numonyx B.V

M25PE20 Datasheet PDF - Numonyx B.V
Part # M25PE20
Download  M25PE20 Download
File Size   1230.15 Kbytes
Page   64 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout

M25PE20 Datasheet (PDF)

Go To PDF Page Download Datasheet
M25PE20 Datasheet PDF - Numonyx B.V

Part # M25PE20
Download  M25PE20 Click to download

File Size   1230.15 Kbytes
Page   64 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout

M25PE20 Datasheet (HTML) - Numonyx B.V


M25PE20 Product details

Description

The M25PE20 and M25PE10 are 2 Mbit (256 Kb × 8 bit) and 1 Mbit (128 Kb × 8 bit) serial paged Flash memories, respectively. They are accessed by a high speed SPI-compatible bus.

The memories can be written or programmed 1 to 256 bytes at a time, using the Page Write or Page Program instruction. The Page Write instruction consists of an integrated Page Erase cycle followed by a Page Program cycle.



Features

■ 1 or 2 Mbit of page-erasable Flash memory

■ 2.7 V to 3.6 V single supply voltage

■ SPI bus compatible serial interface

■ 75 MHz clock rate (maximum)

■ Page size: 256 bytes

– Page Write in 11 ms (typical)

– Page Program in 0.8 ms (typical)

– Page Erase in 10 ms (typical)

■ SubSector Erase (32 Kbits)

■ Sector Erase (512 Kbits)

■ Bulk Erase (1 Mbit for M25PE10, 2 Mbits for M25PE20)

■ Deep Power-down mode 1 µA (typical)

■ Electronic signature

– JEDEC standard two-byte signature (8012h for M25PE20, 8011h for M25PE10)

– Unique ID code (UID) with 16 bytes read only, available upon customer request only in the T9HX process

■ Software write protection on a 64-Kbyte sector basis

■ More than 100 000 Write cycles

■ More than 20 years data retention

■ Hardware write protection of the memory area selected using the BP0 and BP1 bits

■ Package

– ECOPACK® (RoHS compliant)




Similar Part No. - M25PE20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE20 STMICROELECTRONICS-M25PE20 Datasheet
480Kb / 37P
1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
06-Oct-2005
M25PE20-VMN6G STMICROELECTRONICS-M25PE20-VMN6G Datasheet
482Kb / 60P
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
25-Jan-2007
M25PE20-VMN6P STMICROELECTRONICS-M25PE20-VMN6P Datasheet
482Kb / 60P
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
25-Jan-2007
M25PE20-VMN6TG STMICROELECTRONICS-M25PE20-VMN6TG Datasheet
480Kb / 37P
1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
06-Oct-2005
M25PE20-VMN6TG STMICROELECTRONICS-M25PE20-VMN6TG Datasheet
482Kb / 60P
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
25-Jan-2007
More results


Similar Description - M25PE20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
08-Oct-2004
M25PE20 STMICROELECTRONICS-M25PE20 Datasheet
480Kb / 37P
1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
06-Oct-2005
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
15-Jan-2007
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
23-Jan-2007
M25PE20 STMICROELECTRONICS-M25PE20_07 Datasheet
482Kb / 60P
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
25-Jan-2007
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
12-Apr-2007
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com