Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3029A Datasheet (PDF) - Applied Micro Circuits Corporation

S3029A Datasheet PDF - Applied Micro Circuits Corporation
Part # S3029A
Download  S3029A Download
File Size   88.53 Kbytes
Page   11 Pages
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation
Description SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER

S3029A Datasheet (PDF)

Go To PDF Page Download Datasheet
S3029A Datasheet PDF - Applied Micro Circuits Corporation

Part # S3029A
Download  S3029A Click to download

File Size   88.53 Kbytes
Page   11 Pages
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation
Description SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER

S3029A Datasheet (HTML) - Applied Micro Circuits Corporation


S3029A Product details

GENERAL DESCRIPTION
The function of the S3029 clock synthesis and recovery unit is to derive high speed timing signals for SONET/SDH-based equipment. The S3029 is implemented using AMCC’s proven Phase Locked Loop (PLL) technology.

FEATURES
• Complies with ANSI, Bellcore, and ITU-T specifications for jitter tolerance, jitter generation
• Five on-chip high frequency PLLs with internal loop filters for clock recovery
• Supports clock recovery for STS-3/STM-1 (155.52 Mbit/s) NRZ data
• Clock Multiplier PLL for transmit clock generation
• 19.44 or 51.84 MHz reference frequency
• Lock detect—monitors run length and frequency
• Low-jitter differential interface
• 3.3V supply
• Available in a 64-pin TQFP package
• Compatible with IgT WAC-413 ATM Quad-UNI processor




Similar Part No. - S3029A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S302 NKK-S302 Datasheet
447Kb / 10P
Medium/High Capacity Standard Size Toggles
S302 NKK-S302 Datasheet
812Kb / 11P
GENERAL SPECIFICATIONS FOR S301 ~ S339
logo
Bothhand USA, LP.
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
logo
List of Unclassifed Man...
S3020-P ETC2-S3020-P Datasheet
392Kb / 9P
QUICK BRAID Cleaner, Faster, More Consistent
S3020-P ETC2-S3020-P Datasheet
392Kb / 9P
DESOLDERING BRAID
More results


Similar Description - S3029A

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5316 PMC-PM5316 Datasheet
53Kb / 4P
Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PM5343 PMC-PM5343 Datasheet
53Kb / 2P
SONET/SDH 155 Mbit/s Transport O/H Terminating Transceiver
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5352 PMC-PM5352 Datasheet
57Kb / 2P
155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
logo
Infineon Technologies A...
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
155 Mbps SDH/SONET/ATM Transceiver
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
PMC-Sierra, Inc
PM5316-1 PMC-PM5316-1 Datasheet
53Kb / 2P
Quad Channel 155 Mbit/s SONET/SDH Framer and Aligner
PM5352-1 PMC-PM5352-1 Datasheet
57Kb / 2P
155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com