Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB641E Datasheet (PDF) - Renesas Technology Corp

AT45DB641E Datasheet PDF - Renesas Technology Corp
Part # AT45DB641E
Download  AT45DB641E Download
File Size   3208.03 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory

AT45DB641E Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45DB641E Datasheet PDF - Renesas Technology Corp

Part # AT45DB641E
Download  AT45DB641E Click to download

File Size   3208.03 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory

AT45DB641E Datasheet (HTML) - Renesas Technology Corp


AT45DB641E Product details

• Single 1.7 V - 3.6 V supply
• Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports RapidS™ operation
• Continuous read capability through entire array
• Up to 85 MHz
• Low-power read option up to 15 MHz
• Clock-to-output time (tV) of 8ns maximum
• User configurable page size
• 256 bytes per page
• 264 bytes per page (default)
• Page size can be factory pre-configured for 256
bytes
• Two fully independent SRAM data buffers (256/264
bytes)
• Allows receiving data while reprogramming the
main memory array
• Flexible programming options
• Byte/Page Program (1 to 256/264 bytes) directly
into main memory
• Buffer Write | Buffer to Main Memory Page Program
• Flexible erase options
• Page Erase (256/264 bytes)
• Block Erase (2KB)
• Sector Erase (256 kB)
• Chip Erase (64 Mbits)
• Program and Erase Suspend/Resume




Similar Part No. - AT45DB641E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB641E ETC2-AT45DB641E Datasheet
2Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB641E DIALOG-AT45DB641E Datasheet
1Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB641E RENESAS-AT45DB641E Datasheet
2Mb / 69P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT45DB641E-CCUN-T ETC2-AT45DB641E-CCUN-T Datasheet
2Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB641E-DWF DIALOG-AT45DB641E-DWF Datasheet
1Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
More results


Similar Description - AT45DB641E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321E ETC2-AT45DB321E Datasheet
2Mb / 72P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB321E ETC2-AT45DB321E_13 Datasheet
2Mb / 73P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB641E ETC2-AT45DB641E Datasheet
2Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB021E DIALOG-AT45DB021E Datasheet
1Mb / 74P
2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB641E DIALOG-AT45DB641E Datasheet
1Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB021E RENESAS-AT45DB021E Datasheet
2Mb / 70P
2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
8/11/22
AT45DB041E RENESAS-AT45DB041E Datasheet
2Mb / 78P
2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
9/26/22
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
AT45DB641E RENESAS-AT45DB641E Datasheet
2Mb / 69P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
2/2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com