Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25P05 Datasheet (PDF) - STMicroelectronics

25P05 Datasheet PDF - STMicroelectronics
Part # 25P05
Download  25P05 Download
File Size   194.6 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface

25P05 Datasheet (PDF)

Go To PDF Page Download Datasheet
25P05 Datasheet PDF - STMicroelectronics

Part # 25P05
Download  25P05 Click to download

File Size   194.6 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface

25P05 Datasheet (HTML) - STMicroelectronics


25P05 Product details

SUMMARY DESCRIPTION
The M25P05 is a 512 Kbit (64K x 8) Serial Flash Memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus.
The memory can be programmed 1 to 128 bytes at a time, using the Page Program instruction.
The memory is organized as 2 sectors, each containing 256 pages. Each page is 128 bytes wide.
Thus, the whole memory can be viewed as consisting of 512 pages, or 65536 bytes.
The whole memory can be erased using the Bulk Erase instruction, or a sector at a time, using the Sector Erase instruction.

FEATURES SUMMARY
This device is now designated as “Not for New Design”. Please use the M25P05-A in all future designs (as described in application note AN1511).
■ 512 Kbit of Flash Memory
■ Page Program (up to 128 Bytes) in 3 ms (typical)
■ Sector Erase (256 Kbit) in 1 s (typical)
■ Bulk Erase (512 Kbit) in 2 s (typical)
■ 2.7 V to 3.6 V Single Supply Voltage
■ SPI Bus Compatible Serial Interface
■ 20 MHz Clock Rate (maximum)
■ Deep Power-down Mode 1 µA (typical)
■ Electronic Signature
■ More than 100,000 Erase/Program Cycles per Sector
■ More than 20 Year Data Retention




Similar Part No. - 25P05

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
25P0.34YCY BELDEN-25P0.34YCY Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
25P0.34YCY006100M BELDEN-25P0.34YCY006100M Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
25P0.34YCY006200M BELDEN-25P0.34YCY006200M Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
25P0.34YCY006300M BELDEN-25P0.34YCY006300M Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
25P0.34YCY010100M BELDEN-25P0.34YCY010100M Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
More results


Similar Description - 25P05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
13-Dec-2002
M25P10 STMICROELECTRONICS-M25P10 Datasheet
162Kb / 21P
1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
30-May-2000
M25PXX STMICROELECTRONICS-M25PXX Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512 Datasheet
263Kb / 23P
512 Kbit SPI Serial Flash
logo
PMC-Sierra, Inc
PM25LV512 PMC-PM25LV512 Datasheet
94Kb / 24P
512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Silicon Storage Technol...
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
512 Kbit SPI Serial Flash
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512_10 Datasheet
281Kb / 23P
512 Kbit SPI Serial Flash
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com