Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25P05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 25P05
Description  512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

25P05 Datasheet(HTML) 1 Page - STMicroelectronics

  25P05 Datasheet HTML 1Page - STMicroelectronics 25P05 Datasheet HTML 2Page - STMicroelectronics 25P05 Datasheet HTML 3Page - STMicroelectronics 25P05 Datasheet HTML 4Page - STMicroelectronics 25P05 Datasheet HTML 5Page - STMicroelectronics 25P05 Datasheet HTML 6Page - STMicroelectronics 25P05 Datasheet HTML 7Page - STMicroelectronics 25P05 Datasheet HTML 8Page - STMicroelectronics 25P05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1/32
NOT FOR NEW DESIGN
February 2002
This is information on a product still in production but not recommended for new designs.
M25P05
512 Kbit, Low Voltage, Serial Flash Memory
With 20 MHz SPI Bus Interface
FEATURES SUMMARY
This device is now designated as “Not for New De-
sign”. Please use the M25P05-A in all future de-
signs (as described in application note AN1511).
s
512 Kbit of Flash Memory
s
Page Program (up to 128 Bytes) in 3 ms
(typical)
s
Sector Erase (256 Kbit) in 1 s (typical)
s
Bulk Erase (512 Kbit) in 2 s (typical)
s
2.7 V to 3.6 V Single Supply Voltage
s
SPI Bus Compatible Serial Interface
s
20 MHz Clock Rate (maximum)
s
Deep Power-down Mode 1
µA (typical)
s
Electronic Signature
s
More than 100,000 Erase/Program Cycles per
Sector
s
More than 20 Year Data Retention
Figure 1. Packages
SO8 (MN)
150 mil width
8
1


Similar Part No. - 25P05

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
25P0.34YCY BELDEN-25P0.34YCY Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
25P0.34YCY006100M BELDEN-25P0.34YCY006100M Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
25P0.34YCY006200M BELDEN-25P0.34YCY006200M Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
25P0.34YCY006300M BELDEN-25P0.34YCY006300M Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
25P0.34YCY010100M BELDEN-25P0.34YCY010100M Datasheet
157Kb / 2P
MachFlex™ LiYCY(TP), 25 Pr 0.34 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
More results

Similar Description - 25P05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P05-A STMICROELECTRONICS-M25P05-A Datasheet
217Kb / 34P
512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
13-Dec-2002
M25P10 STMICROELECTRONICS-M25P10 Datasheet
162Kb / 21P
1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
30-May-2000
M25PXX STMICROELECTRONICS-M25PXX Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512 Datasheet
263Kb / 23P
512 Kbit SPI Serial Flash
logo
PMC-Sierra, Inc
PM25LV512 PMC-PM25LV512 Datasheet
94Kb / 24P
512 Kbit / 1 Mbit 3.0 Volt-only, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Silicon Storage Technol...
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
512 Kbit SPI Serial Flash
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
512 Kbit, serial Flash memory, 50 MHz SPI bus interface
M25P05-A NUMONYX-M25P05-A_08 Datasheet
1Mb / 52P
512-Kbit, serial flash memory, 50 MHz SPI bus interface
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512_10 Datasheet
281Kb / 23P
512 Kbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com