Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25P05 Datasheet(PDF) 21 Page - STMicroelectronics

Part # 25P05
Description  512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

25P05 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button 25P05 Datasheet HTML 17Page - STMicroelectronics 25P05 Datasheet HTML 18Page - STMicroelectronics 25P05 Datasheet HTML 19Page - STMicroelectronics 25P05 Datasheet HTML 20Page - STMicroelectronics 25P05 Datasheet HTML 21Page - STMicroelectronics 25P05 Datasheet HTML 22Page - STMicroelectronics 25P05 Datasheet HTML 23Page - STMicroelectronics 25P05 Datasheet HTML 24Page - STMicroelectronics 25P05 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21/32
M25P05
POWER-UP, POWER-DOWN AND DELIVERY STATE
Power-up
At Power-up, the device must not be selected (that
is Chip Select (S) must follow the voltage supplied
on
VCC) until the supply voltage reaches
VCC(min), and a further tVSL delay has elapsed.
To avoid data corruption and inadvertent write
operations during power up, a Power On Reset
(POR) circuit is included. The logic inside the
device is held reset while VCC is less than the POR
threshold value, VWI – all operations are disabled,
and the device will not respond to any instruction.
Similarly, when VCC drops from the operating
voltage, to below the POR threshold value, VWI, all
operations are disabled and the device will not
respond to any instruction.
No instructions (including Read, Write Status
Register, Program or Erase instructions) should
be sent to the device until a time delay of tVSL after
VCC has risen above the VCC(min) level.
Moreover, the device ignores all Page Program
(PP), Sector Erase (SE), Bulk Erase (BE) and
Write Status Register (WRSR) instructions until a
time delay of tPUW has elapsed after the moment
that VCC rises above the VWI threshold. However,
the correct operation of the device is not
guaranteed if, by this time, VCC is still below
VCC(min). No Write Status Register, Program or
Erase instructions should be sent until the later of:
–tPUW after VCC passed the VWI threshold
–tVSL afterVCC passed the VCC(min) level
These values are specified in Table 7.
At Power-up, the device is in the following state:
– The device is in the Standby mode (not the
Deep Power-down mode).
– The Write Enable Latch (WEL) bit is reset.
Figure 19. Power-up Timing
Table 7. Power-Up Timing and VWI Threshold
Note: 1. These parameters are characterized only.
Symbol
Parameter
Min.
Max.
Unit
tVSL1
VCC(min) to S low
10
µs
tPUW1
Time delay to Write instruction
15
ms
VWI1
Write Inhibit Voltage
1.5
2.5
V
VCC
AI04009B
VCC(min)
VWI
Reset State
of the
Device
Chip Selection Not Allowed
Program, Erase and Write Commands are Rejected by the Device
tVSL
tPUW
time
Read Access allowed
Device fully
accessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com