Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25P05 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 25P05
Description  512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

25P05 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 25P05 Datasheet HTML 7Page - STMicroelectronics 25P05 Datasheet HTML 8Page - STMicroelectronics 25P05 Datasheet HTML 9Page - STMicroelectronics 25P05 Datasheet HTML 10Page - STMicroelectronics 25P05 Datasheet HTML 11Page - STMicroelectronics 25P05 Datasheet HTML 12Page - STMicroelectronics 25P05 Datasheet HTML 13Page - STMicroelectronics 25P05 Datasheet HTML 14Page - STMicroelectronics 25P05 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11/32
M25P05
Figure 10. Read Status Register (RDSR) Sequence
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction al-
lows the Status Register to be read. The Status
Register may be read at any time, even while a
Program, Erase or Write Status Register cycle is in
progress. When one of these cycles is in progress,
it is recommended to check the Write In Progress
(WIP) bit before sending a new instruction to the
device. It is also possible to read the Status Reg-
ister continuously, as shown in Figure 10.
Table 5. Status Register Format
Note: 1. SRWD, BP1 and BP0 are non-volatile read and write bits.
2. WEL and WIP are volatile read-only bits (WEL is set and
reset by specific instructions; WIP is automatically set
and reset by the internal logic of the device).
The status and control bits of the Status Register
are as follows:
WIP bit. The Write In Process (WIP) bit indicates
whether the memory is busy with a Write Status
Register, Program or Erase cycle. When set to 1,
such a cycle is in progress, when reset to 0 no
such cycle is in progress.
WEL bit. The Write Enable Latch (WEL) bit indi-
cates the status of the internal Write Enable Latch.
When set to 1 the internal Write Enable Latch is
set, when set to 0 the internal Write Enable Latch
is reset and no Write Status Register, Program or
Erase instruction is accepted.
BP1, BP0 bits. The Block Protect (BP1, BP0) bits
are non-volatile. They define the size of the area to
be software protected against Program and Erase
instructions. These bits are written with the Write
Status Register (WRSR) instruction. When both of
the Block Protect (BP1, BP0) bits are set to 1, the
whole memory is protected against Page Program
(PP) and Sector Erase (SE) instructions. The Bulk
Erase (BE) instruction is executed if, and only if,
both Block Protect (BP1, BP0) bits are 0. This is
summarized in Table 2. The Block Protect (BP1,
BP0) bits can be written provided that the Hard-
ware Protected mode has not been set.
SRWD bit. The Status Register Write Disable
(SRWD) bit is operated in conjunction with the
Write Protect (W) signal. The Status Register
Write Disable (SRWD) bit and Write Protect (W)
signal allow the device to be put in the Hardware
Protected mode (when the Status Register Write
Disable (SRWD) bit is set to 1, and Write Protect
(W) is driven Low). In this mode, the non-volatile
bits of the Status Register (SRWD, BP1, BP0) be-
come read-only bits and the Write Status Register
(WRSR) instruction is no longer accepted for exe-
cution.
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031C
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7
b7
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com