Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS2105 Datasheet (PDF) - Mosel Vitelic, Corp

MSS2105 Datasheet PDF - Mosel Vitelic, Corp
Part # MSS2105
Download  MSS2105 Download
File Size   336.16 Kbytes
Page   27 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 21/32/43/60 VOICE ROM

MSS2105 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSS2105 Datasheet PDF - Mosel Vitelic, Corp

Part # MSS2105
Download  MSS2105 Click to download

File Size   336.16 Kbytes
Page   27 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 21/32/43/60 VOICE ROM

MSS2105 Datasheet (HTML) - Mosel Vitelic, Corp


MSS2105 Product details

Description
The MSS6605 is a single-chip CMOS VLSI ROM that can memorize voice up to 60 seconds using MOSEL qualified coding method (MPCM) at 5.8 KHz.
Three addressing interfaces are provided: CPU mode, KEYBOARD mode and MATRIX mode for versatile applications. The voice content can be stored separately into 128 sections or 50 or 56 sentences with arbitrary length. With minimum external components, this chip can be applied to various application. Customer voice data will be edited and programmed into ROM by changing one mask during fabrication.

Features
■ Single power can operate at 2.4V through 6.0V.
■ Current output could drive 8 ohm speaker with a transistor, Vout could drive buzzer directly.
■ The voice content is stored up to 60 seconds at 5.8 KHz (55500h) for S6605 and can be separated to 128 sections. See next page for other devices data.
■ Duration of each section can be different and is multiples of 100h.
■ Total duration of all 128 sections with mute is up to 96 seconds (80000h).
■ The voice content can be accessed in "Sentence" type on KeyBoard (KBD) and Matrix(MTX) modes. Up to 50 Sentences for KeyBoard, 56 Sentences for Matrix modes.
■ Each sentence is composed of one or more than one section(s).
■ Automatic power down .
■ Three addressing interface modes are provided for versatile applications: CPU, KBD and MTX.
■ KeyBoard addressing mode:
    a. 50 sentences can be accessed by 15 addressing input dual-tree type trigger.
    b. Sentence is numbered by 00 through 49.
    c. 5 input pins on D-tree (D0-D4) tells the 1st digit (0 through 4), another 10 input pins on S-tree (S0-S9) tells the 2nd digit (0 through 9). By these two digits,all 50 sentences can be accessed.
    d. With 2nd digit only also can access a sentence.
    e. Section is located and numbered by 0 through 127.
    f. Total section number of all sentences is up to 256.
■ Matrix addressing mode:
    a. 56 sentences can be accessed by 8x7 wiring matrix.
    b. Sentence is numbered by 00 through 55.
    c. Section is located and numbered by 0 through 127.
    d. Total section number of all sentences is up to 256.
■ CPU addressing mode:
    a. 128 sections can be accessed by 7 address bits with an enable strobe trigger.
    b. Section is located and numbered by 00 through 127 .
■ Power on trigger play is available by bonding VSS and trigger together.
■ A dedicate LED output pin with 6 Hz flash is provided to tell the audio status.
■ Playall function (OKY) plays all up to 64 defined sentences one by one by single trigger.
■ Playnext (sequential) function (OKY) : one trigger plays next sentence of up to 64 defined sentences circularly.
■ Random-play function (OKY) : one trigger plays one of 64 defined sentences randomly.
■ Continue sequence(PLAYNEXT):The first OKY trigger after any addressing will keep current sequence continuously.
■ Home sequence(PLAYNEXT):The first OKY trigger after any addressing will return the sequence to the first sentence.
■ Automatically ramp up & ramp down.
■ Sound Sentence & quality could be emulated on 9009 board.




Similar Part No. - MSS2105

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
More results


Similar Description - MSS2105

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
43 Voice ROM
logo
Aplus Intergrated Circu...
API840N APLUS-API840N Datasheet
284Kb / 10P
32 to 40 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
22C040 ISSI-22C040 Datasheet
58Kb / 11P
32 to 40 SEC INSTANT VOICE ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com