Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP15P15DY Datasheet (PDF) - A POWER MICROELECTRONICS

AP15P15DY Datasheet PDF - A POWER MICROELECTRONICS
Part # AP15P15DY
Download  AP15P15DY Download
File Size   1538.2 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -150V P-Channel Enhancement Mode MOSFET

AP15P15DY Datasheet (PDF)

Go To PDF Page Download Datasheet
AP15P15DY Datasheet PDF - A POWER MICROELECTRONICS

Part # AP15P15DY
Download  AP15P15DY Click to download

File Size   1538.2 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -150V P-Channel Enhancement Mode MOSFET

AP15P15DY Datasheet (HTML) - A POWER MICROELECTRONICS


AP15P15DY Product details

Features
- VDS = -150V ID =-15A
- RDS(ON) < 320mΩ @ VGS=10V (Type:270mΩ)

Applications
- Brushless motor
- Load switch
- Uninterruptible power supply




Similar Part No. - AP15P15DY

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP15P15DF APME-AP15P15DF Datasheet
1Mb / 7P
-150V P-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP15P15DY

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN15A27K DIODES-ZXMN15A27K_15 Datasheet
670Kb / 8P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW2P15MI YFWDIODE-YFW2P15MI Datasheet
2Mb / 5P
-150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
YFW7P15AD YFWDIODE-YFW7P15AD Datasheet
2Mb / 5P
-150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
YFW7P15AMJ YFWDIODE-YFW7P15AMJ Datasheet
5Mb / 6P
-150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
logo
Pan Jit International I...
PJQ5494 PANJIT-PJQ5494 Datasheet
611Kb / 6P
150V N-Channel Enhancement Mode MOSFET
March 27,2018-REV.01
PJD30N15 PANJIT-PJD30N15 Datasheet
422Kb / 8P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
PJD40N15 PANJIT-PJD40N15 Datasheet
533Kb / 6P
150V N-Channel Enhancement Mode MOSFET
July 5,2017-REV.00
PJL9480 PANJIT-PJL9480 Datasheet
304Kb / 6P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
logo
TECH PUBLIC Electronics...
TPSI3440DV-T1-GE3 TECHPUBLIC-TPSI3440DV-T1-GE3 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
FDC2512 TECHPUBLIC-FDC2512 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com