Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WE2408 Datasheet (PDF) - List of Unclassifed Manufacturers

WE2408 Datasheet PDF - List of Unclassifed Manufacturers
Part # WE2408
Download  WE2408 Download
File Size   627.28 Kbytes
Page   36 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 2.4GHz Single Chip FM Transceiver

WE2408 Datasheet (PDF)

Go To PDF Page Download Datasheet
WE2408 Datasheet PDF - List of Unclassifed Manufacturers

Part # WE2408
Download  WE2408 Click to download

File Size   627.28 Kbytes
Page   36 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 2.4GHz Single Chip FM Transceiver

WE2408 Datasheet (HTML) - List of Unclassifed Manufacturers


WE2408 Product details

[WiNEDGE & WiRELESS PTE LTD]

DESCRIPTION
WE2408 are single-chip FM/FSK transceiver ICs operate in 2.4GHz ISM band. Utilizing a unique direct-conversion, zero-intermediate frequency (zero-IF) receiver architecture, WE2408 provides radio designers a high performance RF transceiver solution with low external component count and small PCB footprint.
The receiver section of the WE2408 provides all of the required receiver functions including local oscillator synthesis (VCO), down-conversion, filtering, automatic gain control (AGC), automatic frequency control (AFC), FM/FSK demodulator and RSSI functions.
The transmitter section contains a directly modulated VCO and RF power amplifier (PA).
Internal, dual, high-performance phase locked loop (PLL) synthesizers/VCOs allow full duplex or halfduplex operation over the entire RF tuning range. Tuning, power management, and gain control (manual) functions are accomplished via serial interface.

FEATURES
● 2.4GHz Operating Frequency
● 2.7 - 3.3V Operation
● -2 dBm Tx Output Power
● -99 dBm Rx Sensitivity
● Full Duplex
● Dual VCO
● FM/FSK Modulator
● No Tuning "Tankless" FM Demodulator
● Direct-Conversion, Zero-IF Architecture
● Low External Component Count
● Serial Programming Interface
● Low Standby Current
● Thin-Quad Flat Package (TQFP-48)

APPLICATIONS
● 2.4G Wireless Voice/Data Products
● 2.4GHz Cordless Phones
● AMR/Telemetry/Data Radios




Similar Part No. - WE2408

ManufacturerPart #DatasheetDescription
logo
SICK AG
WE24-2B240 SICK-WE24-2B240 Datasheet
1Mb / 8P
PHOTOELECTRIC SENSORS
WE24-2B333 SICK-WE24-2B333 Datasheet
1Mb / 8P
PHOTOELECTRIC SENSORS
WE24-2B430 SICK-WE24-2B430 Datasheet
2Mb / 8P
PHOTOELECTRIC SENSORS
WE24-2B440 SICK-WE24-2B440 Datasheet
2Mb / 8P
PHOTOELECTRIC SENSORS
WE24-2R230 SICK-WE24-2R230 Datasheet
1Mb / 8P
PHOTOELECTRIC SENSORS
More results


Similar Description - WE2408

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2938 RFMD-RF2938 Datasheet
528Kb / 20P
2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
2.4GHz RF Transceiver
logo
List of Unclassifed Man...
WE904 ETC1-WE904 Datasheet
623Kb / 39P
0.1 - 1GHx Single Chip FM Transceiver
logo
Samsung semiconductor
S1T8536 SAMSUNG-S1T8536 Datasheet
334Kb / 24P
2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
logo
AMIC Technology
A7121 AMICC-A7121 Datasheet
127Kb / 2P
2.4GHz GFSK Transceiver
A7101 AMICC-A7101 Datasheet
297Kb / 22P
2.4GHz FSK Transceiver
logo
California Eastern Labs
ZIC2410 CEL-ZIC2410 Datasheet
3Mb / 119P
Single-chip 2.4GHz RF Transceiver
logo
ATMEL Corporation
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C Datasheet
1Mb / 27P
ZigBit 2.4GHz Single chip Wireless Module
logo
List of Unclassifed Man...
PL1167 ETC1-PL1167 Datasheet
569Kb / 10P
Low Power High performance Single Chip 2.4GHz Transceiver
logo
Nordic Semiconductor
NRF24L01 NORDIC-NRF24L01 Datasheet
975Kb / 74P
nRF24L01 Single Chip 2.4GHz Transceiver
Revision 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com