Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL320 Datasheet (PDF) - Supertex, Inc

CL320 Datasheet PDF - Supertex, Inc
Part # CL320
Download  CL320 Download
File Size   744.85 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 3-Channel 20mA Linear LED Driver

CL320 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL320 Datasheet PDF - Supertex, Inc

Part # CL320
Download  CL320 Click to download

File Size   744.85 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 3-Channel 20mA Linear LED Driver

CL320 Datasheet (HTML) - Supertex, Inc


CL320 Product details

General Description
The CL320 is designed to drive 3 strings of LEDs at a constant current of 20mA.
Other drivers with currents in the range of 20 - 30mA are available. The drive current is fi xed, with a ±6% tolerance over a VOUT range of 4 - 15V.
Separate enable pins for each channel allow for PWM dimming, 3-step linear dimming, or individual disconnection of faulty LED strings.
Over-temperature protection circuitry shuts down all 3 channels when the nominal die temperature reaches 135°C. Normal operation resumes when the die temperature drops by 30°C.
The CL320 is available in the 8-Lead SOIC (w/Heat Slug) package and requires a single ceramic bypass capacitor which may be shared among several drivers.

Features
► ±6% current accuracy @ 4.0 -15V
► 90V standoff voltage
► Separate enable pins for each channel allow for PWM dimming
► Over-temperature protection
► 8-Lead SOIC (w/Heat Slug) package

Applications
► LCD backlighting
► Indicator lamps




Similar Part No. - CL320

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
CL320 KLEIN-CL320 Datasheet
2Mb / 1P
ELECTRICAL TEST KITS
Rev. 03/21 A
CL320KIT KLEIN-CL320KIT Datasheet
2Mb / 1P
ELECTRICAL TEST KITS
Rev. 03/21 A
More results


Similar Description - CL320

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8377N PANASONIC-AN8377N Datasheet
50Kb / 4P
3-channel Linear Driver
logo
Supertex, Inc
CL330 SUTEX-CL330 Datasheet
745Kb / 7P
3-Channel 30mA Linear LED Driver
CL325 SUTEX-CL325 Datasheet
744Kb / 7P
3-Channel 25mA Linear LED Driver
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky
LT3746 LINER-LT3746_15 Datasheet
600Kb / 28P
32-Channel 20mA LED Driver with Buck Controller
logo
Supertex, Inc
CL330 SUTEX-CL330_08 Datasheet
606Kb / 7P
3-Channel 30mA Linear LED Driver
CL325 SUTEX-CL325_08 Datasheet
604Kb / 7P
3-Channel 25mA Linear LED Driver
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
Automotive Single-Channel Linear LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com