Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL320 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL320
Description  3-Channel 20mA Linear LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL320 Datasheet(HTML) 1 Page - Supertex, Inc

  CL320 Datasheet HTML 1Page - Supertex, Inc CL320 Datasheet HTML 2Page - Supertex, Inc CL320 Datasheet HTML 3Page - Supertex, Inc CL320 Datasheet HTML 4Page - Supertex, Inc CL320 Datasheet HTML 5Page - Supertex, Inc CL320 Datasheet HTML 6Page - Supertex, Inc CL320 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CL320
General Description
The CL320 is designed to drive 3 strings of LEDs at a
constant current of 20mA.
Other drivers with currents in the range of 20 - 30mA are
available. The drive current is fixed, with a ±6% tolerance
over a V
OUT range of 4 - 15V.
Separate enable pins for each channel allow for PWM
dimming, 3-step linear dimming, or individual disconnection
of faulty LED strings.
Over-temperature protection circuitry shuts down all 3
channels when the nominal die temperature reaches 135°C.
Normal operation resumes when the die temperature drops
by 30°C.
The CL320 is available in the 8-Lead SOIC (w/Heat Slug)
package and requires a single ceramic bypass capacitor
which may be shared among several drivers.
Block Diagram and Typical Application Circuit
3-Channel 20mA Linear LED Driver
Features
±6% current accuracy @ 4.0 -15V
90V standoff voltage
Separate enable pins for each channel allow for
PWM dimming
Over-temperature protection
8-Lead SOIC (w/Heat Slug) package
Applications
LCD backlighting
Indicator lamps
►
►
►
►
►
►
►
EN1
EN2
EN3
OUT1
OUT2
OUT3
GND
VDD
6.5 - 90V
CL320
REG
VIN
Host
Controller
1
2
3
87
6
5
4
CIN
100nF


Similar Part No. - CL320

ManufacturerPart #DatasheetDescription
logo
Klein Tools, Inc.
CL320 KLEIN-CL320 Datasheet
2Mb / 1P
ELECTRICAL TEST KITS
Rev. 03/21 A
CL320KIT KLEIN-CL320KIT Datasheet
2Mb / 1P
ELECTRICAL TEST KITS
Rev. 03/21 A
More results

Similar Description - CL320

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8377N PANASONIC-AN8377N Datasheet
50Kb / 4P
3-channel Linear Driver
logo
Supertex, Inc
CL330 SUTEX-CL330 Datasheet
745Kb / 7P
3-Channel 30mA Linear LED Driver
CL325 SUTEX-CL325 Datasheet
744Kb / 7P
3-Channel 25mA Linear LED Driver
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky
LT3746 LINER-LT3746_15 Datasheet
600Kb / 28P
32-Channel 20mA LED Driver with Buck Controller
logo
Supertex, Inc
CL330 SUTEX-CL330_08 Datasheet
606Kb / 7P
3-Channel 30mA Linear LED Driver
CL325 SUTEX-CL325_08 Datasheet
604Kb / 7P
3-Channel 25mA Linear LED Driver
logo
Texas Instruments
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
Automotive Single-Channel Linear LED Driver
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com