Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL320 Datasheet(PDF) 3 Page - Supertex, Inc

Part # CL320
Description  3-Channel 20mA Linear LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL320 Datasheet(HTML) 3 Page - Supertex, Inc

  CL320 Datasheet HTML 1Page - Supertex, Inc CL320 Datasheet HTML 2Page - Supertex, Inc CL320 Datasheet HTML 3Page - Supertex, Inc CL320 Datasheet HTML 4Page - Supertex, Inc CL320 Datasheet HTML 5Page - Supertex, Inc CL320 Datasheet HTML 6Page - Supertex, Inc CL320 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
CL320
Electrical Characteristics
(Over recommended operating conditions. T
J @ 25
OC unless otherwise specified.)
Sym
Parameter
Min
Typ
Max
Units
Conditions
I
IN
V
IN supply current
-
220
250
µA
EN
1-3 = 1
-
2.2
2.3
mA
EN
1-3 = 0
I
OUT(OFF)
Output current, off
-
4.0
10
µA
EN
X = 1
I
OUT(ON)
Output current, on
-
-
21.2
mA
EN
X = 0, VOUT = 0 - 4.0V
18.8
20.0
21.2
EN
X = 0, VOUT = 4.0 - 15V
18.0
20.0
22.0
EN
X = 0, VOUT = 15 - 90V
V
EN(ON)
Enable voltage, on
-
-
0.8
V
---
V
EN(OFF)
Enable voltage, off
2.4
-
-
V
---
C
EN
Enable input capacitance
-
5.0
10
pF
---
I
ENL
Enable low input current
-
-
1.0
µA
V
EN = 0V
I
ENH
Enable high input current
-
-
1.0
µA
V
EN = 5.0V
t
ON
Enable on delay
-
2.0
2.4
µs
---
t
RISE
Output current rise time
-
1.0
1.2
µs
---
t
OFF
Enable off delay
-
440
800
ns
---
t
FALL
Output current fall time
-
170
250
ns
---
Timing
Temperature Effects
tRISE
tFALL
90% IOUT(ON)
EN
IOUT
VEN(ON)
VEN(OFF)
tON
tOFF
10% IOUT(ON)
1.00
1.05
0.95
-50
0
50
100
150
Junction Temperature (°C)
0.90
0.85
0.80
120
25
-40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com