Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W801 Datasheet (PDF) - STMicroelectronics

M27W801 Datasheet PDF - STMicroelectronics
Part # M27W801
Download  M27W801 Download
File Size   108.61 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM

M27W801 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27W801 Datasheet PDF - STMicroelectronics

Part # M27W801
Download  M27W801 Click to download

File Size   108.61 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM

M27W801 Datasheet (HTML) - STMicroelectronics


M27W801 Product details

DESCRIPTION
The M27W801 is a low voltage 8 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large data or program storage and is organized as 1,048,576 by 8 bits.

■ 2.7V to 3.6V SUPPLY VOLTAGE in READ OPERATION
■ ACCESS TIME:
    – 80ns at VCC = 3.0V to 3.6V
    – 100ns at VCC = 2.7V to 3.6V
■ PIN COMPATIBLE with M27C801
■ LOW POWER CONSUMPTION:
    – 15µA max Standby Current
    – 15mA max Active Current at 5MHz
■ PROGRAMMING TIME 50µs/byte
■ HIGH RELIABILITY CMOS TECHNOLOGY
    – 2,000V ESD Protection
    – 200mA Latchup Protection Immunity
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code: 42h




Similar Part No. - M27W801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W801 STMICROELECTRONICS-M27W801 Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100B6TR STMICROELECTRONICS-M27W801-100B6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100C6TR STMICROELECTRONICS-M27W801-100C6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100F6TR STMICROELECTRONICS-M27W801-100F6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100N6TR STMICROELECTRONICS-M27W801-100N6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
More results


Similar Description - M27W801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Jan-2002
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
Mar-2000
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
May-1998
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com