Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W801 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W801
Description  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W801 Datasheet(HTML) 1 Page - STMicroelectronics

  M27W801 Datasheet HTML 1Page - STMicroelectronics M27W801 Datasheet HTML 2Page - STMicroelectronics M27W801 Datasheet HTML 3Page - STMicroelectronics M27W801 Datasheet HTML 4Page - STMicroelectronics M27W801 Datasheet HTML 5Page - STMicroelectronics M27W801 Datasheet HTML 6Page - STMicroelectronics M27W801 Datasheet HTML 7Page - STMicroelectronics M27W801 Datasheet HTML 8Page - STMicroelectronics M27W801 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
April 2000
M27W801
8 Mbit (1Mb x8) Low Voltage UV EPROM and OTP EPROM
s
2.7V to 3.6V SUPPLY VOLTAGE in READ
OPERATION
s
ACCESS TIME:
–80ns at VCC = 3.0V to 3.6V
– 100ns at VCC = 2.7V to 3.6V
s
PIN COMPATIBLE with M27C801
s
LOW POWER CONSUMPTION:
–15
µA max Standby Current
– 15mA max Active Current at 5MHz
s
PROGRAMMING TIME 50
µs/byte
s
HIGH RELIABILITY CMOS TECHNOLOGY
– 2,000V ESD Protection
– 200mA Latchup Protection Immunity
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 42h
DESCRIPTION
The M27W801 is a low voltage 8 Mbit EPROM of-
fered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage and is organized as 1,048,576 by
8 bits.
The M27W801 operates in the read mode with a
supply voltage as low as 2.7V at –40 to 85
°C tem-
perature range. The decrease in operating power
allows either a reduction of the size of the battery
or an increase in the time between battery re-
charges.
The FDIP32W (window ceramic frit-seal package)
has a transparent lids which allow the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
For applications where the content is programmed
only one time and erasure is not required, the
M27W801 is offered in PDIP32, PLCC32 and
TSOP32 (8 x 20 mm) packages.
Figure 1. Logic Diagram
AI02363
20
A0-A19
Q0-Q7
VCC
M27W801
VSS
8
GVPP
E
1
32
FDIP32W (F)
PLCC32 (K)
TSOP32 (N)
8 x 20 mm
32
1
PDIP32 (B)


Similar Part No. - M27W801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W801 STMICROELECTRONICS-M27W801 Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100B6TR STMICROELECTRONICS-M27W801-100B6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100C6TR STMICROELECTRONICS-M27W801-100C6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100F6TR STMICROELECTRONICS-M27W801-100F6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100N6TR STMICROELECTRONICS-M27W801-100N6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
More results

Similar Description - M27W801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Jan-2002
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
Mar-2000
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
May-1998
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com