Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL32173E Datasheet (PDF) - Renesas Technology Corp

ISL32173E Datasheet PDF - Renesas Technology Corp
Part # ISL32173E
Download  ISL32173E Download
File Size   1529.77 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers

ISL32173E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL32173E Datasheet PDF - Renesas Technology Corp

Part # ISL32173E
Download  ISL32173E Click to download

File Size   1529.77 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers

ISL32173E Datasheet (HTML) - Renesas Technology Corp


ISL32173E Product details

• IEC61000 ESD protection (RS-485 inputs) . . . . . . . . ±16.5kV
- Class 3 ESD on all other pins . . . . . . . . . . . . . . . .>8kV HBM
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
• Wide common-mode range . . . . . . . . . . . . . . . . . -7V to +12V
• Low part-to-part propagation delay tolerance (ISL3217xE)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8ns (max)
• Specified for +125°C operation
• Fail-safe open Rx inputs
• 1/4 unit load allows 128 devices on the bus
• Available in industry standard pinouts (ISL32173E) and a
4x4 QFN (ISL32x77E) with added features
• Logic supply pin (VL) eases operation in mixed supply
systems (ISL32x77E)
• High data rates. . . . . . . . . . . . . . . . up to 80Mbps or 20Mbps
• Low shutdown supply current. . . . . . . . . . . . . . . . . . . . . . 60μA
• Tri-statable Rx outputs
• 5V tolerant logic inputs when VCC = 3.3V




Similar Part No. - ISL32173E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
November 19, 2009
ISL32173E INTERSIL-ISL32173E Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32173E RENESAS-ISL32173E Datasheet
1Mb / 21P
Telecom equipment
logo
Intersil Corporation
ISL32173E-77E INTERSIL-ISL32173E-77E Datasheet
496Kb / 3P
Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
February 1, 2011
ISL32173EFBZ INTERSIL-ISL32173EFBZ Datasheet
478Kb / 22P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
November 19, 2009
More results


Similar Description - ISL32173E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
November 19, 2009
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com