Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F512 Datasheet (PDF) - STMicroelectronics

M28F512 Datasheet PDF - STMicroelectronics
Part # M28F512
Download  M28F512 Download
File Size   523.41 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory

M28F512 Datasheet (PDF)

Go To PDF Page Download Datasheet
M28F512 Datasheet PDF - STMicroelectronics

Part # M28F512
Download  M28F512 Click to download

File Size   523.41 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory

M28F512 Datasheet (HTML) - STMicroelectronics


M28F512 Product details

DESCRIPTION
The M28F512 FLASH Memory is a non-volatile memory which may be erased electrically at the chip level and programmed byte-by-byte. It is organised as 64K bytes of 8 bits. It uses a command register architecture to select the operating modes and thus provides a simple microprocessor interface. The M28F512 FLASH Memory is suitable for applications where the memory has to be reprogrammed in the equipment. The access time of 90ns makes the device suitable for use in high speed microprocessor systems.

■ FAST ACCESS TIME: 90ns
■ LOW POWER CONSUMPTION
   – Standby Current: 100µA Max
■ 10,000 ERASE/PROGRAM CYCLES
■ 12V PROGRAMMING VOLTAGE
■ TYPICAL BYTE PROGRAMING TIME 10µs (PRESTO F ALGORITHM)
■ ELECTRICAL CHIP ERASE in 1s RANGE
■ INTEGRATED ERASE/PROGRAM-STOP TIMER
■ EXTENDED TEMPERATURE RANGES




Similar Part No. - M28F512

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
M28F YFWDIODE-M28F Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
logo
Intel Corporation
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
1024K (128K x 8) CMOS FLASH MEMORY
logo
STMicroelectronics
M28F101 STMICROELECTRONICS-M28F101 Datasheet
197Kb / 23P
1 Mb 128K x 8, Chip Erase FLASH MEMORY
Apr-1997
More results


Similar Description - M28F512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
512 Kbit 64Kb x8 UV EPROM and OTP EPROM
08-Nov-2004
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M28F256 STMICROELECTRONICS-M28F256 Datasheet
715Kb / 20P
256K(32K x8, Chip Erase)FLASH MEMORY
Mar-1996
M29F512B STMICROELECTRONICS-M29F512B Datasheet
136Kb / 16P
512 Kbit 64Kb x8, Bulk Single Supply Flash Memory
Jul-1999
M29W512B STMICROELECTRONICS-M29W512B Datasheet
139Kb / 18P
512 Kbit 64Kb x8, Bulk Low Voltage Single Supply Flash Memory
09-Mar-2000
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
512 Kbit (64K x8) Page-Write EEPROM
logo
STMicroelectronics
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
512 Kbit (64 Kbit x8) low-voltage OTP EPROM
09-Jun-2008
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
512 Kbit (64K x8) Page-Write EEPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com