Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N07P Datasheet (PDF) - A POWER MICROELECTRONICS

AP100N07P Datasheet PDF - A POWER MICROELECTRONICS
Part # AP100N07P
Download  AP100N07P Download
File Size   889.41 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 68V N-Channel Enhancement Mode MOSFET

AP100N07P Datasheet (PDF)

Go To PDF Page Download Datasheet
AP100N07P Datasheet PDF - A POWER MICROELECTRONICS

Part # AP100N07P
Download  AP100N07P Click to download

File Size   889.41 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 68V N-Channel Enhancement Mode MOSFET

AP100N07P Datasheet (HTML) - A POWER MICROELECTRONICS


AP100N07P Product details

Features
- VDS = 68V ID =100A
- RDS(ON) < 6.8mΩ @ VGS=10V (Type:5.8mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP100N07P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N07D APME-AP100N07D Datasheet
786Kb / 7P
68V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N07NF APME-AP100N07NF Datasheet
822Kb / 7P
68V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP100N07P

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF6908 GOOD-ARK-SSF6908_15 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814_15 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A_15 Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808_15 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6908 GOOD-ARK-SSF6908 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF7008 GOOD-ARK-SSF7008 Datasheet
1Mb / 7P
68V N-Channel MOSFET
logo
Guangdong Youtai Semico...
SVT078R0ND UMW-SVT078R0ND Datasheet
1,016Kb / 7P
68V N-Channel Power Mosfet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com