Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N07P Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP100N07P
Description  68V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N07P Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP100N07P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP100N07PIT
68V N-Channel Enhancement Mode MOSFET
AP100N07P/T REV1.0
永源微電子科技有限公司
Package Mechanical Data:TO-220C-3L
Symbol
Dim in mm
Min
Typ
Max
A
4.25
4.5
4.7
A1
1.15
1.3
1.45
A2
2.15
2.35
2.55
b
0.65
0.8
0.95
b1
1.15
1.35
1.55
c
0.35
0.5
0.65
D
14.3
15.3
16.3
D1
8.8
9.1
9.4
D2
6.3REF
E
9.7
10
10.3
E3
7
8
9
e
2.54BSC
e1
5.08BSC
L
12.7
13.5
13.9
L1
3.1
3.4
H
6
6.5
6.85
Q
2.6
2.8
3
ϕ
3.4
3.6
3.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com