Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N07P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100N07P
Description  68V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N07P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100N07P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP100N07P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP100N07PIT
68V N-Channel Enhancement Mode MOSFET
AP100N07P/T REV1.0
永源微電子科技有限公司
Description
The AP100N07P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 68V ID =100A
RDS(ON) < 6.8mΩ @ VGS=10V (Type:5.8mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100N07P
TO-220-3L
AP100N07P XXX YYYY
1000
AP100N07T
TO-263-3L
AP100N07T XXX YYYY
800
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
68
V
VGS
Gate source voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
100
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
53
A
IDM
Pulsed drain current2)
360
A
IAS
Diode forward current
29
A
PD
Power dissipation
123
W
EAS
Single pulsed avalanche energy)
206
mJ
Tstg
,Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
1.0
℃/W
RθJA
Thermal resistance, junction-ambient4)
62.5
℃/W


Similar Part No. - AP100N07P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N07D APME-AP100N07D Datasheet
786Kb / 7P
68V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N07NF APME-AP100N07NF Datasheet
822Kb / 7P
68V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP100N07P

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF6908 GOOD-ARK-SSF6908_15 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814_15 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A_15 Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808_15 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808 GOOD-ARK-SSF6808 Datasheet
961Kb / 5P
68V N-Channel MOSFET
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
SSF6814 GOOD-ARK-SSF6814 Datasheet
1Mb / 5P
68V N-Channel MOSFET
SSF6908 GOOD-ARK-SSF6908 Datasheet
1Mb / 7P
68V N-Channel MOSFET
SSF7008 GOOD-ARK-SSF7008 Datasheet
1Mb / 7P
68V N-Channel MOSFET
logo
Guangdong Youtai Semico...
SVT078R0ND UMW-SVT078R0ND Datasheet
1,016Kb / 7P
68V N-Channel Power Mosfet
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com