Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC9534K Datasheet (PDF) - Vishay Siliconix

SIC9534K Datasheet PDF - Vishay Siliconix
Part # SIC9534K
Download  SIC9534K Download
File Size   694.18 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 30 A VRPower® Integrated Power Stage

SIC9534K Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC9534K Datasheet PDF - Vishay Siliconix

Part # SIC9534K
Download  SIC9534K Click to download

File Size   694.18 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 30 A VRPower® Integrated Power Stage

SIC9534K Datasheet (HTML) - Vishay Siliconix


SIC9534K Product details

DESCRIPTION
The SiC534 is an integrated power stage solution optimized
for synchronous buck applications to offer high current, high
efficiency, and high power density performance. Packaged
in Vishay’s proprietary 4.5 mm x 3.5 mm MLP package,
SiC534 enables voltage regulator designs to deliver up to
30 A continuous current per phase.
The internal power MOSFETs utilize Vishay’s
state-of-the-art Gen IV TrenchFET technology that delivers
industry benchmark performance to significantly reduce
switching and conduction losses.
The SiC534 incorporates an advanced MOSFET gate driver
IC that features high current driving capability, adaptive
dead-time control, an integrated bootstrap Schottky diode,
and zero current detection to improve light load efficiency.
The driver is also compatible with a wide range of PWM
controllers, supports tri-state PWM, and 5 V PWM logic.
A user selectable diode emulation mode (ZCD_EN#) is
included to improve the light load performance. The device
also supports PS4 mode to reduce power consumption
when system operates in standby state.

FEATURES
• Thermally enhanced PowerPAK® MLP4535-22L
package
• Vishay’s Gen IV MOSFET technology and a
low-side MOSFET with integrated Schottky
diode
• Delivers up to 30 A continuous current, 35 A at 10 ms peak
current
• High efficiency performance
• High frequency operation up to 2 MHz
• Power ON reset
• 5 V PWM logic with tri-state and hold-off
• Supports PS4 mode light load requirement for IMVP8 with
low shutdown supply current (5 V, 3 μA)
• Under voltage lockout for VCIN
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - SIC9534K

ManufacturerPart #DatasheetDescription
logo
Shenzhen SI Semiconduct...
SIC9521 SISEMIC-SIC9521 Datasheet
386Kb / 7P
High Precision Non-Isolated BUCK LED Driver
SIC9522 SISEMIC-SIC9522 Datasheet
386Kb / 7P
High Precision Non-Isolated BUCK LED Driver
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
SIC9553A SISEMIC-SIC9553A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
SIC9554A SISEMIC-SIC9554A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
More results


Similar Description - SIC9534K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
30 A VRPower Integrated Power Stage
02-Nov-15
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
30 A VRPower Integrated Power Stage
30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
30 A VRPower Integrated Power Stage
23-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
35 A VRPower® Integrated Power Stage
14-Nov-16
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
30 A VRPower® Integrated Power Stage
10-Oct-16
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
60 A VRPower Integrated Power Stage
08-Dec-14
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
60 A VRPower Integrated Power Stage
03-Nov-14
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
60 A VRPower® Integrated Power Stage
08-Dec-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com