Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS6948WCCSZ Datasheet (PDF) - Analog Devices

ADBMS6948WCCSZ Datasheet PDF - Analog Devices
Part # ADBMS6948WCCSZ
Download  ADBMS6948WCCSZ Download
File Size   598.01 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, Battery Pack Monitoring System

ADBMS6948WCCSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADBMS6948WCCSZ Datasheet PDF - Analog Devices

Part # ADBMS6948WCCSZ
Download  ADBMS6948WCCSZ Click to download

File Size   598.01 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, Battery Pack Monitoring System

ADBMS6948WCCSZ Datasheet (HTML) - Analog Devices


ADBMS6948WCCSZ Product details

FEATURES
Cell voltage measurement
Up to 16-cell channels
Parallel and redundant architecture
Passive cell balancing up to 300 mA per cell
<2 mV total measurement error (TME) at 4.2 V over the lifetime
Pack current measurement
Independent bidirectional channels with redundancy Dedicated charge measurement/coulomb counter
Dynamic range: ±131 mV
Resolution: 1 pV/bit
Offset: 1 pV over the lifetime
Gain Error: 0.1% over the lifetime
Synchronous pack current and cell voltage measurements Short/Over current detection
<2 ps response time
Programmable detection time and threshold
Dedicated outputs for MOSFET/Contactor control Redundant measurement, algorithm, and fault pin
10 General-purpose I/O (GPIO) channels
Cell and board temperature measurements
Pack, load, and system diagnostic measurements
<3.3 mV TME over the lifetime
Low power monitoring for key-off state
Dedicated fault output pin
Configurable overshoot, undershoot, and time gradient thresholds
Cell voltage, pack current, and GPIO voltage measurement Configurable measurable period
Independent continuous time overcurrent protection 4-Wire SPI 4 MHz communication interface
Package 64-pin QFN-SS
AEC-Q100 qualified

APPLICATIONS
Mild hybrid electric vehicles
Two-wheeler and three-wheeler electric vehicles Four-wheeler electric vehicle auxiliary battery Backup battery systems
Energy storage systems (ESS)




Similar Part No. - ADBMS6948WCCSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS6948 AD-ADBMS6948 Datasheet
140Kb / 2P
Measures up to 16 Battery Cells in series
More results


Similar Description - ADBMS6948WCCSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
Lithium Ion Battery Monitoring System
Rev. PrD
logo
Linear Technology
LTC2470 LINER-LTC2470 Datasheet
313Kb / 20P
System Monitoring
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
logo
List of Unclassifed Man...
BP24V14 ETC2-BP24V14 Datasheet
486Kb / 3P
BP24V14 - External Battery Pack for UPS System
logo
Seiko Instruments Inc
S8259A SII-S8259A Datasheet
847Kb / 21P
BATTERY MONITORING IC FOR 1-CELL PACK
S-8259AAA-M6T1U SII-S-8259AAA-M6T1U Datasheet
1Mb / 21P
BATTERY MONITORING IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
logo
Beckhoff Automation Gmb...
C9900-U330 BECKHOFF-C9900-U330 Datasheet
105Kb / 2P
Battery pack
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
Battery pack
logo
Pepperl+Fuchs Inc.
EX-BPS02 PF-EX-BPS02 Datasheet
1Mb / 1P
Battery pack
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com