Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP200N07NF Datasheet (PDF) - A POWER MICROELECTRONICS

AP200N07NF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP200N07NF
Download  AP200N07NF Download
File Size   1463.85 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 70V N-Channel Enhancement Mode MOSFET

AP200N07NF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP200N07NF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP200N07NF
Download  AP200N07NF Click to download

File Size   1463.85 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 70V N-Channel Enhancement Mode MOSFET

AP200N07NF Datasheet (HTML) - A POWER MICROELECTRONICS


AP200N07NF Product details

Features
- VDS = 70V ID =200A
- RDS(ON) < 1.3mΩ @ VGS=10V (Type:1.0mΩ)

Applications
- Battery protection
- UPS




Similar Part No. - AP200N07NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP200N03GD APME-AP200N03GD Datasheet
743Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP200N03NF APME-AP200N03NF Datasheet
766Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP200N03P APME-AP200N03P Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP200N03PT APME-AP200N03PT Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP200N03T APME-AP200N03T Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
More results


Similar Description - AP200N07NF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP7A17G ZETEX-ZXMP7A17G Datasheet
429Kb / 8P
70V P-channel enhancement mode MOSFET
ZXMN7A11K ZETEX-ZXMN7A11K Datasheet
517Kb / 8P
70V N-channel enhancement mode MOSFET
ZXMN7A11G ZETEX-ZXMN7A11G Datasheet
416Kb / 8P
70V N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN7A11K DIODES-ZXMN7A11K Datasheet
530Kb / 8P
70V N-channel enhancement mode MOSFET
AUGUST 2006
ZXMP7A17K DIODES-ZXMP7A17K Datasheet
538Kb / 8P
70V P-channel enhancement mode MOSFET
AUGUST 2006
ZXMN7A11G DIODES-ZXMN7A11G_15 Datasheet
1Mb / 8P
70V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP7A17G DIODES-ZXMP7A17G_15 Datasheet
318Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
ZXMP7A17KQ DIODES-ZXMP7A17KQ Datasheet
857Kb / 7P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMN7A11G DIODES-ZXMN7A11G Datasheet
1Mb / 8P
70V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP7A17GQ DIODES-ZXMP7A17GQ Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com