Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9252 Datasheet (PDF) - Renesas Technology Corp

X9252 Datasheet PDF - Renesas Technology Corp
Part # X9252
Download  X9252 Download
File Size   880.37 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP™) Potentiometer

X9252 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9252 Datasheet PDF - Renesas Technology Corp

Part # X9252
Download  X9252 Click to download

File Size   880.37 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP™) Potentiometer

X9252 Datasheet (HTML) - Renesas Technology Corp


X9252 Product details

• Quad Solid State Potentiometer
• 256 Wiper Tap Points-0.4% Resolution
• 2-Wire Serial Interface for Write, Read, and Transfer
Operations of the Potentiometer
• Up/Down Interface for Individual Potentiometers
• Wiper Resistance: 40 Typical
• NonVolatile Storage of Wiper Positions
• Power On Recall. Loads Saved Wiper Position on Power-Up.
• Standby Current < 100μA Max
• Maximum Wiper Current: 3mA
• VCC: 2.7V to 5.5V Operation
• 2.8k and 10k Version of Total Pot Resistance
• Endurance: 100,000 Data Changes per Bit per Register
• 100 yr. Data Retention
• 24 Ld TSSOP
• Pb-Free (RoHS Compliant)




Similar Part No. - X9252

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9252 INTERSIL-X9252 Datasheet
389Kb / 19P
Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
September 14, 2005
X9252 INTERSIL-X9252 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9252 INTERSIL-X9252 Datasheet
445Kb / 19P
Quad Digitally-Controlled Potentiometer
July 24, 2014
More results


Similar Description - X9252

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9252 INTERSIL-X9252 Datasheet
389Kb / 19P
Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
September 14, 2005
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
X9259US24Z INTERSIL-X9259US24Z Datasheet
431Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com