Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9252 Datasheet (PDF) - Intersil Corporation

X9252 Datasheet PDF - Intersil Corporation
Part # X9252
Download  X9252 Download
File Size   445.59 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digitally-Controlled Potentiometer

X9252 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9252 Datasheet PDF - Intersil Corporation

Part # X9252
Download  X9252 Click to download

File Size   445.59 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digitally-Controlled Potentiometer

X9252 Datasheet (HTML) - Intersil Corporation


X9252 Product details

The X9252 integrates 4 digitally controlled potentiometers
(XDCP) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented
using 255 resistive elements in a series array. Between each
pair of elements are tap points connected to wiper terminals
through switches. The position of each wiper on the array is
controlled by the user through the Up/Down (U/D) or 2-wire
bus interface. The wiper of each potentiometer has an
associated volatile Wiper Counter Register (WCR) and four
nonvolatile Data Registers (DRs) that can be directly written
to and read by the user. The contents of the WCR controls
the position of the wiper on the resistor array through the
switches. At power-up, the device recalls the contents of the
default data registers DR00, DR10, DR20, DR30, to the
corresponding WCR.
Each DCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including the programming of bias voltages, the
implementation of ladder networks, and three resistor
programmable networks.

Features
• Quad Solid State Potentiometer
• 256 Wiper Tap Points-0.4% Resolution
• 2-Wire Serial Interface for Write, Read, and Transfer
Operations of the Potentiometer
• Up/Down Interface for Individual Potentiometers
• Wiper Resistance: 40 Typical
• NonVolatile Storage of Wiper Positions
• Power On Recall. Loads Saved Wiper Position on
Power-Up.
• Standby Current < 100µA Max
• Maximum Wiper Current: 3mA
• VCC: 2.7V to 5.5V Operation
• 2.8k and 10k Version of Total Pot Resistance
• Endurance: 100,000 Data Changes per Bit per Register
• 100 yr. Data Retention
• 24 Ld TSSOP
• Pb-Free (RoHS Compliant)




Similar Part No. - X9252

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9252 INTERSIL-X9252 Datasheet
389Kb / 19P
Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
September 14, 2005
X9252 INTERSIL-X9252 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
X9252 RENESAS-X9252 Datasheet
880Kb / 20P
Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP™) Potentiometer
Jul 1, 2021
More results


Similar Description - X9252

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
Quad Digitally-Controlled (XDCP) Potentiometer
X9241A XICOR-X9241A Datasheet
364Kb / 18P
Quad Digitally Controlled Potentiometer (XDCP)
X9252 XICOR-X9252 Datasheet
126Kb / 21P
Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22449 INTERSIL-ISL22449 Datasheet
356Kb / 12P
Quad Digitally Controlled Potentiometer
September 15, 2006
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
Quad Digitally-Controlled (XDCP?? Potentiometer
April 13, 2007
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
Quad, 64 Tap, Digitally Controlled Potentiometer
October 12, 2006
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
Quad Digitally Controlled Potentiometer XDCP
May 24, 2007
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
Quad Digitally Controlled Potentiometer XDCP
March 13, 2008
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
Quad Digitally Controlled Potentiometer XDCP
September 9, 2009
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com