Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM67W Datasheet (PDF) - Shenzhen Hope Microelectronics Co., Ltd.

RFM67W Datasheet PDF - Shenzhen Hope Microelectronics Co., Ltd.
Part # RFM67W
Download  RFM67W Download
File Size   633.66 Kbytes
Page   37 Pages
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.
Description RFM67W ISM TRANSMITTER MODULE

RFM67W Datasheet (PDF)

Go To PDF Page Download Datasheet
RFM67W Datasheet PDF - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM67W
Download  RFM67W Click to download

File Size   633.66 Kbytes
Page   37 Pages
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.
Description RFM67W ISM TRANSMITTER MODULE

RFM67W Datasheet (HTML) - Shenzhen Hope Microelectronics Co., Ltd.


RFM67W Product details

GENERAL DESCRIPTION
The RFM67W is a transmitter module which can operate in the 315, 433, 868 and 915 MHz licence free ISM bands.
The transmitter module has two modes of operation, a conventional MCU controlled mode and a ‘stand-alone’ mode which enables the RFM67W to download configuration and messages from an E2PROM in response to a user input.
Stand-alone mode makes the RFM67W ideal for miniaturized or low cost remote keyless entry (RKE) applications. It also offers the unique advantage of narrowband and wide-band communication in a range of modulation formats.
The RFM67W offers high RF output power and channelized operation suited for the European (ETSI EN 300-220-1), North American (FCC part 15.231, 15.247 and 15.249) and Japanese (ARIB T-67) regulatory standards.

APPLICATIONS
Remote Keyless Entry (RKE)
Remote Control / Security Systems
Voice and Data RF Communication Links
Process and building / home control
Active RFID
AMR / AMI Platforms

KEY PRODUCT FEATURES
+17 dBm to -18 dBm Programmable output power.
Bit rates up to 600 kbits / sec.
FSK, GFSK, MSK, GMSK and OOK modulation.
Stand-alone mode: No need for a host MCU.
Consistent RF performance over a 1.8 to 3.7 V range.
Low phase noise (-95 dBc/Hz at 50 kHz) with automated PLL calibration and fully integrated VCO and loop filter.
On chip RC timer for timer/wake-up applications.
Low battery detection.
Module size:19.7X16mm
Low cost




Similar Part No. - RFM67W

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
ISM TRANSMITTER MODULE
logo
HOPE Microelectronics C...
RFM67W-315S2 HOPE-RFM67W-315S2 Datasheet
634Kb / 37P
ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-433S2 ETC2-RFM67W-433S2 Datasheet
634Kb / 37P
ISM TRANSMITTER MODULE
logo
HOPE Microelectronics C...
RFM67W-433S2 HOPE-RFM67W-433S2 Datasheet
634Kb / 37P
ISM TRANSMITTER MODULE
More results


Similar Description - RFM67W

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
ISM 433 MHz ASK Transmitter
logo
List of Unclassifed Man...
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
Universal ISM Band FSK Transmitter
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
ISM TRANSMITTER
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
ISM TRANSMITTER MODULE
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
ISM TRANSMITTER
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
ISM TRANSMITTER MODULE
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com