Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM67W Datasheet(PDF) 4 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM67W
Description  RFM67W ISM TRANSMITTER MODULE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM67W Datasheet(HTML) 4 Page - Shenzhen Hope Microelectronics Co., Ltd.

  RFM67W Datasheet HTML 1Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 2Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 3Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 4Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 5Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 6Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 7Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 8Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 9Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Page 4
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RFM 67W
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
This product datasheet contains a detailed description of the RFM67W performance and functionality.
1. General Description
The RFM67W is a transmitte module capable of (G)FSK, (G)MSK, and OOK modulation of an input data stream. It can
transmit this modulated signal in the 315, 433, 868 and 915 MHz licence free ISM bands.
1.1. Simplified Block Diagram
VBAT
VR_DIG
VR_ANA
RESET
TEST
VR_PA
Power Distribution
E2_MODE
RFOUT
PA1
Div 2/4/6
RC Oscillator
GND
Ramp and
Control
Interpolation
and Filtering
Modulator
DATA
DCLK
PLL_LOCK
PA2
Fractional-N
PLL
Calibration
NSS
÷R
XTAL
Switch I/P
Registers
and SPI
Interface
MISO
MOSI
SCK
CLKOUT
XTA
XTB
PB(3:0)
Figure 1. RFM67W Simplified Block Diagram
The general architecture of the RFM67W is shown in Figure 1. The frequency synthesizer generating the LO frequency is
a third-order fractional-N sigma-delta PLL. The PLL is capable of fast auto-calibration and offers fast switching and
settling times. For frequency modulation ((G)FSK and (G)MSK), the modulation is performed within the PLL bandwidth.
Optional pre-filtering of the bit stream may also be enabled to reduce the power delivered to adjacent channels.
Amplitude modulation (OOK), is performed via a DAC driving the reference of the regulator of the PA. Note that pre-filtering
of the bit stream is also available in this mode. The VCO works at 2, 4 or 6 times the RF output frequency to improve the
quadrature precision and reduce pulling effects during transmission.
The PA of the RFM67W is comprised of two amplifiers - one high power, one low power. This enables the RFM67W to
deliver a wide range, over 30 dB, of output powers - up to +13 dBm in single PA configuration. However, with an appropriate
output impedance transformation, in dual PA mode, this can be increased to +17 dBm.
ADVANCED COMMUNICATIONS & SENSING
DATASHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com