Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM67W Datasheet(PDF) 21 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM67W
Description  RFM67W ISM TRANSMITTER MODULE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM67W Datasheet(HTML) 21 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM67W Datasheet HTML 17Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 18Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 19Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 20Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 21Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 22Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 23Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 24Page - Shenzhen Hope Microelectronics Co., Ltd. RFM67W Datasheet HTML 25Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Page 21
RFM 67W
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
6.3. RFM67W Register Description
Table 11 RFM67W Register Summary
Address
Register Name
Description
0x00
Mode
Operating and modulation mode settings.
0x01
BrMsb
0x02
BrLsb
Bit rate setting.
0x03
FdevMsb
0x04
FdevLsb
Frequency Deviation (FSK).
0x05
FrfMsb
0x06
FrfMid
0x07
FrfLsb
RF centre frequency setting.
0x08
PaCtrl
PA selection and power control.
0x09
PaFskRamp
PA rise and fall timing (FSK).
0x0A
PllStat
PLL status register.
0x0B
VcoCtrl1
0x0C
VcoCtrl2
0x0D
VcoCtrl3
0x0E
VcoCtrl4
VCO calibration values.
0x0F
ClockCtrl
Clock output pin settings.
0x10
Eeprom
Stand alone mode E2PROM configuration.
0x11
ClockSel
Selection between RC or crystal oscillator.
0x12
EolCtrl
Low battery indicator settings.
0x13
PaOcpCtrl
PA Over current protection - limits PA current.
0x14
unused
-
0x15
unused
-
0x16
unused
-
0x17
PerDivider
Periodic mode wake-up timer control.
0x18
BtnDeb
Push button debouncer setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com