Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3488B1 Datasheet (PDF) - STMicroelectronics

M3488B1 Datasheet PDF - STMicroelectronics
Part # M3488B1
Download  M3488B1 Download
File Size   193.33 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256 x 256 DIGITAL SWITCHING MATRIX

M3488B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M3488B1 Datasheet PDF - STMicroelectronics

Part # M3488B1
Download  M3488B1 Click to download

File Size   193.33 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 256 x 256 DIGITAL SWITCHING MATRIX

M3488B1 Datasheet (HTML) - STMicroelectronics


M3488B1 Product details

GENERAL DESCRIPTION
The M3488 is intended for large telephone switching systems, mainly central exchanges,digital line concentrators and private branch exchanges where a distributed microcomputer control approach is extensively used. It consists of a speech memory (SM), a control memory (CM), a serial/parallel and a parallel/serial converter, an internal parallel bus, an interface (8 data lines, 11 control signals) and dedicated control logic.

■ 256 INPUT AND 256 OUTPUT CHANNEL CMOS DIGITAL SWITCHING MATRIX COMPATIBLE WITH M088
■ BUILDING BLOCK DESIGNED FOR LARGE CAPACITY ELECTRONIC EXCHANGES, SUBSYSTEMS AND PABX
■ NO EXTRA PIN NEEDED FOR NOT-BLOCKING SINGLE STAGE AND HIGHER CAPACITY SYNTHESIS BLOCKS (512 or 1024 channels)
■ EUROPEAN TELEPHONE STANDARD COMPATIBLE (32 serial channels per frame)
■ PCM INPUTS AND OUTPUTS MUTUALLY COMPATIBLE
■ ACTUAL INPUT-OUTPUT CHANNEL CONNECTIONS STORED AND MODIFIED VIA AN ON CHIP 8-BIT PARALLEL MICROPROCESSOR INTERFACE
■ TYPICAL BIT RATE : 2Mbit/s
■ TYPICAL SYNCHRONIZATION RATE : 8KHz (time frame is 125µs)
■ 5V P0WER SUPPLY
■ CMOS & TTL INPUT/OUTPUT LEVELS COMPATIBLE
■ HIGH DENSITY ADVANCED 1.2µm HCMOS3 PROCESS

Main instructions controlled by the microprocessor interface
■ CHANNEL CONNECTION/DISCONNECTION
■ OUTPUT CHANNEL DISCONNECTION
■ INSERTION OF A BYTE ON A PCM OUTPUT CHANNEL/DISCONNECTION
■ TRANSFER TO THE MICROPROCESSOR OF A SINGLE PCM OUTPUT CHANNEL SAMPLE
■ TRANSFER TO THE MICROPROCESSOR OF A SINGLE OUTPUT CHANNEL CONTROL WORD
■ TRANSFER TO THE MICROPROCESSOR OF A SELECTED 0 CHANNEL PCM INPUT DATA




Similar Part No. - M3488B1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
M34808-4 VBSEMI-M34808-4 Datasheet
984Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
M3481 ETC1-M3481 Datasheet
24Kb / 4P
UM348x Multi-Instrument Melody Generator
M3482 ETC1-M3482 Datasheet
24Kb / 4P
UM348x Multi-Instrument Melody Generator
logo
RAF ELECTRONIC HARDWARE
M3483-SS RAF-M3483-SS Datasheet
133Kb / 1P
PLAIN THUMB SCREWS
logo
List of Unclassifed Man...
M3485 ETC1-M3485 Datasheet
24Kb / 4P
UM348x Multi-Instrument Melody Generator
More results


Similar Description - M3488B1

ManufacturerPart #DatasheetDescription
logo
Sames
SA3488 SAMES-SA3488 Datasheet
108Kb / 20P
CMOS 256 X 256 DIGITAL SWITCHING MATRIX
logo
Integrated Device Techn...
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
National Instruments Co...
NIPXI-2533 NI-NIPXI-2533 Datasheet
175Kb / 4P
256-Crosspoint SSR Matrix Modules
logo
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8985 RENESAS-IDT72V8985 Datasheet
322Kb / 15P
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com