Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3488B1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M3488B1
Description  256 x 256 DIGITAL SWITCHING MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3488B1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M3488B1 Datasheet HTML 6Page - STMicroelectronics M3488B1 Datasheet HTML 7Page - STMicroelectronics M3488B1 Datasheet HTML 8Page - STMicroelectronics M3488B1 Datasheet HTML 9Page - STMicroelectronics M3488B1 Datasheet HTML 10Page - STMicroelectronics M3488B1 Datasheet HTML 11Page - STMicroelectronics M3488B1 Datasheet HTML 12Page - STMicroelectronics M3488B1 Datasheet HTML 13Page - STMicroelectronics M3488B1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PINS FUNCTION
Symbol
Name
Pin Assignement
DIP40
PQFP44
D7 to D0
Data bus
17 to 24
13 to 21
C/D
Input control
30
27
A1, S1, A2, S2 Address select or match
26 to 29
23 to 26
CS1, CS2
Chip select
33, 34
30, 31
WR
Data transfer enable
35
32
RD
Read enable
36
34
DR
Data ready
25
22
RESET
RESET control
32
29
CLOCK
Input master clock
6
1
SYNC
Input synchronization
7
2
IN PCM 7 to 0 PCM input bus
8 to 15
3 to 10
OUT PCM 7
to 0
PCM output bus
37 to 40 and
1to 4
35 to 38 and
40 to 43
M3488
10/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com