Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3488B1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M3488B1
Description  256 x 256 DIGITAL SWITCHING MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3488B1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M3488B1 Datasheet HTML 3Page - STMicroelectronics M3488B1 Datasheet HTML 4Page - STMicroelectronics M3488B1 Datasheet HTML 5Page - STMicroelectronics M3488B1 Datasheet HTML 6Page - STMicroelectronics M3488B1 Datasheet HTML 7Page - STMicroelectronics M3488B1 Datasheet HTML 8Page - STMicroelectronics M3488B1 Datasheet HTML 9Page - STMicroelectronics M3488B1 Datasheet HTML 10Page - STMicroelectronics M3488B1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
A.C. ELECTRICAL CHARACTERISTICS (continued)
Signal
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CS1, CS2
tSL(CS-WR)
tHL(CS-WR)
tSH(CS-WR)
tHH(CS-WR)
tSL(CS-RD)
tHL(CS-RD)
tSH(CS-RD)
tHH(CS-RD)
Low level setup time
to WR falling edge
Low Level hold time
from WR rising edge
High Level setup time
to WR falling edge
High level hold time
from WR rising edge
Low level setup time
to RD falling edge
Low level hold time
from RD rising edge
High level setup time
RD falling edge
High level hold time
from RD
Active Case
Active Case
Inactive Case
Inactive Case
Active Case
Active Case
Inactive Case
Inactive Case
0
0
0
0
0
0
0
0
ns
ns
ns
ns
ns
ns
ns
ns
C/D
tS(C/D-WR)
tH(C/D-WR)
tS(C/D)-RD)
tH(C/D-RD)
Setup time to write
strobe end
Hold time from
write strobe end
Setup time to read
strobe start
Hold time from read
strobe end
130
15
20
20
ns
ns
ns
ns
A1, S1,
A2, S2
(match
inputs)
tS(match-WR)
tH(match-WR)
tS(match-RD)
tH(match-RD)
Setup time to write
strobe end
Hold time from
strobe end
Setup time to read
strobe start
Hold time from read
strobe end
130
15
20
20
ns
ns
ns
ns
DR
(data
ready)
tW
tPD
Low state width
DR output delay
from write strobe end
(active command)
Instructions 5 and 6
Instruction 5, CL =
150pF
4.tCK
2.tCK
7.tCK
ns
ns
D0 to D7
(interface
bus)
tS(BUS-WR)
tH(BUS-WR)
tPD(BUS)
tHZ(BUS)
Input setup time to
write strobe end
Input hold time
from write strobe end
Propagation time
from (active) falling
Edge of read strobe
Propagation time
from (active) rising
Edge of read strobe
to high impedance state
CL = 200pF
CL = 200pF
130
15
120
80
ns
ns
ns
ns
A.C. TESTING, OUTPUT WAVEFORM
A.C. testing inputs are driven at 2.4V for a logic ”1” and 0.45V for a logic ”0”, timing measurement are made at
2.0V for a logic ”1”and 0.8V for a logic ”0”.
M3488
7/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com