Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3488B1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M3488B1
Description  256 x 256 DIGITAL SWITCHING MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3488B1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M3488B1 Datasheet HTML 8Page - STMicroelectronics M3488B1 Datasheet HTML 9Page - STMicroelectronics M3488B1 Datasheet HTML 10Page - STMicroelectronics M3488B1 Datasheet HTML 11Page - STMicroelectronics M3488B1 Datasheet HTML 12Page - STMicroelectronics M3488B1 Datasheet HTML 13Page - STMicroelectronics M3488B1 Datasheet HTML 14Page - STMicroelectronics M3488B1 Datasheet HTML 15Page - STMicroelectronics M3488B1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Internal time bases are forced by synchronism to an
assigned count number in order to restore channels
and bit sequential addressing to a known state.
Count difference between the bases is 32, corre-
spondingto two time slots, that is the minimum PCM
propagation time, or latency time.
INP PCM 7 to INP PCM 0
PCM input busses or pins ; they accept a standard
2Mbit/s rate. Bit 1 (sign bit) is the first of the serial
sequence ; in a parallel conversion it is left adjusted
as the most significant digit.
OUT PCM 7 to OUT PCM 0
PCM output busses or pins ; bit rate and organiza-
tion are the same as input pins.
Output buffers are open drain CMOS .
The device drives the output channels theoretically
one bit time before they can be exploited as logical
input channels (bit and slot compatibility is pre-
served): this feature allows inputs and outputs to be
tied together cancelling any analog delay of digital
outputs up to
tDEL max =tbit -tPD(PCM)max +tPD(PCM)min
MIXED RD and WR OPERATIONS
In principle RD and WR operations are allowed in
any order within specification constraints.
In practive, only one control pin is low at any given
time when CS1 and CS2 are enabled.
If by mistake or hardware failure both RD and WR
pins are low, the interface bus is internally pushed
to tristate condition as long as WR is held low and
input registers are protected.
Registers OR1 and OR2 can be read in any order
with a single RD strobe using C/D as multiplexing
control ; never the less this procedure is not recom-
mended because the device is directed for instruc-
tion flow only according to data latched by RD rising
edge.
Multiple RD operationsof the same kind are allowed
without affecting the instruction flow : only ”new”
OR1 or OR2 read operations step the flow.
Input and output registers are held for sure in the
previous state for the first 3 cycles following an op-
code or an OR2 read.
FUNCTIONAL DESCRIPTION OF SPECIFIC MICROPROCESSOR OPERATIONS
The device, under microprocessor control, performs
the following instructions :
1 CHANNEL CONNECTION
2 CHANNEL DISCONNECTION
3 LOADING OF A BYTE ON A PCM OUTPUT
CHANNEL
4 TRANSFER OF A SINGLE PCM OUTPUT
CHANNEL SAMPLE
5 TRANSFER OF A SINGLE OUTPUT
CHANNEL CONTROL WORD
6 TRANSFER OF A SELECTED 0 CHANNEL PCM
INPUT DATA ACCORDING TO AN 8-BIT MASK
PREVIOUSLY STORED IN THE ”EXPECTED
MESSAGES” REGISTER
The instruction flow is as follows.
Any input protocol is started by the microprocessor
interface loading the internal stack register with 2
bytes (4 bytes for instructions 1 and 3) qualified as
data bytes by C/D = 0 and a specific opcode quali-
fied by C/D = 1 (match condition is normally
needed).
After the code is loaded in the instruction register it
is immediately checked to see whether it is ac-
ceptable and if not it is rejected. If accepted the
instruction is also processed as regards match con-
dition and is appended for execution during the
memories’ spare cycles.
Four cases are possible :
a) the code is not valid ; executioncannot take place,
the DR output pin is reset to indicate the error ; all
registers are saved ;
b) the code is valid for types 2, 4 and 6 but it is un-
matched ; execution cannot take place, DR is not af-
fected.
c) the code is valid for types 1 and 3 and it is un-
matched ; the instruction is interpreted as a channel
disconnection.
d) the code is valid and is either matched or of type
5 ; the instruction is processed as received.
Validation control takes only two cycles out of a total
execution time of 4 to 7 cycles ; the last operation is
updating of the content of registers OR1 and OR2,
according to the following instruction tables.
M3488
12/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com