Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P35023 Datasheet (PDF) - Renesas Technology Corp

5P35023 Datasheet PDF - Renesas Technology Corp
Part # 5P35023
Download  5P35023 Download
File Size   1226.77 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® Programmable Clock Generator

5P35023 Datasheet (PDF)

Go To PDF Page Download Datasheet
5P35023 Datasheet PDF - Renesas Technology Corp

Part # 5P35023
Download  5P35023 Click to download

File Size   1226.77 Kbytes
Page   50 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® Programmable Clock Generator

5P35023 Datasheet (HTML) - Renesas Technology Corp


5P35023 Product details

▪ Configurable OE pin function as OE, PD#, PPS or DFC control function
▪ Configurable PLL bandwidth; minimizes jitter peaking
▪ PPS: Proactive Power Saving features save power during the
end device power down mode
▪ PPB: Performance Power Balancing feature allows minimum
power consumption based on required performance
▪ DFC: Dynamic Frequency Control feature allows user to
dynamically switch between and up to 4 different frequencies smoothly
▪ Two PLLs support independent spread spectrum clocks to
lower system EMI
▪ Store user configuration into OTP memory
▪ I2C interface
▪ Available in two temperature ranges:
• Automotive (AEC-Q100 Grade 2): -40°C to +105°C
• Industrial: -40°C to +85°C




Similar Part No. - 5P35023

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P35023 IDT-5P35023 Datasheet
423Kb / 34P
VersaClock Programmable Clock Generator
logo
Renesas Technology Corp
5P35023 RENESAS-5P35023 Datasheet
1Mb / 48P
Configurable OE pin function as OE, PD#, PPS or DFC control
5P35023 RENESAS-5P35023 Datasheet
1Mb / 50P
VersaClock® Programmable Clock Generator
June 2, 2026
5P35023-000NLG2 RENESAS-5P35023-000NLG2 Datasheet
1Mb / 48P
Configurable OE pin function as OE, PD#, PPS or DFC control
5P35023-000NLG2 RENESAS-5P35023-000NLG2 Datasheet
1Mb / 50P
VersaClock® Programmable Clock Generator
June 2, 2026
More results


Similar Description - 5P35023

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P35021 IDT-5P35021 Datasheet
393Kb / 34P
VersaClock Programmable Clock Generator
5P35023 IDT-5P35023 Datasheet
423Kb / 34P
VersaClock Programmable Clock Generator
5X35023 IDT-5X35023 Datasheet
478Kb / 40P
VersaClock Programmable Clock Generator
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
5L35023 RENESAS-5L35023 Datasheet
935Kb / 39P
VersaClock® 3S Programmable Clock Generator
November 30, 2022
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
Aug 1, 2022
5P49V6967 RENESAS-5P49V6967 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Aug 30, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
5X35023 RENESAS-5X35023 Datasheet
949Kb / 42P
VersaClock® Programmable Clock Generator
Mar 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com