Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35101-S4 Datasheet (PDF) - STMicroelectronics

M35101-S4 Datasheet PDF - STMicroelectronics
Part # M35101-S4
Download  M35101-S4 Download
File Size   30.39 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Contactless Memory Chip 13.56 MHz, 2048-bit High Endurance EEPROM

M35101-S4 Datasheet (PDF)

Go To PDF Page Download Datasheet
M35101-S4 Datasheet PDF - STMicroelectronics

Part # M35101-S4
Download  M35101-S4 Click to download

File Size   30.39 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Contactless Memory Chip 13.56 MHz, 2048-bit High Endurance EEPROM

M35101-S4 Datasheet (HTML) - STMicroelectronics


M35101-S4 Product details

DESCRIPTION
The M35101 is a contactless memory, powered by the received carrier electromagnetic wave. It is a 2048-bit EEPROM, organised as 16 pages of 16 x 8 bits.

■ ISO 14443-2 Type-B Standard Compliant
■ 13.56 MHz Carrier Frequency
■ 847 kHz Subcarrier Frequency
■ 106 Kbit/second Data Transfer
■ Internal Tuning Capacitor
■ Data Transfer:
    – ASK Modulation from Reader to M35101
    – BPSK Coding from M35101 to Reader
■ 2048-bit EEPROM with Write Protect Feature
■ BYTE and PAGE READ (up to 16 Bytes)
■ BYTE and PAGE WRITE (up to 16 Bytes)
■ Self-Timed Programming Cycle with Auto Erase
■ 5 ms Programming Time (typical)
■ More than 100,000 Erase/Write Cycles
■ More than 40 Year Data Retention




Similar Part No. - M35101-S4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M35101 STMICROELECTRONICS-M35101 Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
More results


Similar Description - M35101-S4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M35102 STMICROELECTRONICS-M35102 Datasheet
30Kb / 2P
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
13.56 MHz, 2048-bit RFID EEPROM
logo
STMicroelectronics
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020_06 Datasheet
330Kb / 14P
13.56 MHz, 2048-bit RFID EEPROM
logo
STMicroelectronics
SRT512 STMICROELECTRONICS-SRT512_09 Datasheet
478Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Jul-2009
SRI2K STMICROELECTRONICS-SRI2K Datasheet
816Kb / 45P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
09-Sep-2011
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
13-Sep-2011
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
ST25TB04K STMICROELECTRONICS-ST25TB04K Datasheet
860Kb / 47P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
07-Feb-2023
ST25TB512-AT STMICROELECTRONICS-ST25TB512-AT Datasheet
817Kb / 44P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com