Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29W040 Datasheet (PDF) - STMicroelectronics

29W040 Datasheet PDF - STMicroelectronics
Part # 29W040
Download  29W040 Download
File Size   434.05 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory

29W040 Datasheet (PDF)

Go To PDF Page Download Datasheet
29W040 Datasheet PDF - STMicroelectronics

Part # 29W040
Download  29W040 Click to download

File Size   434.05 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory

29W040 Datasheet (HTML) - STMicroelectronics


29W040 Product details

SUMMARY DESCRIPTION
The M29W040B is a 4 Mbit (512Kb x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM. The M29W040B is fully backward compatible with the M29W040.

■ SINGLE 2.7 to 3.6V SUPPLY VOLTAGE for PROGRAM, ERASE and READ OPERATIONS
■ ACCESS TIME: 55ns
■ PROGRAMMING TIME
    – 10µs per Byte typical
■ 8 UNIFORM 64 Kbytes MEMORY BLOCKS
■ PROGRAM/ERASE CONTROLLER
    – Embedded Byte Program algorithm
    – Embedded Multi-Block/Chip Erase algorithm
    – Status Register Polling and Toggle Bits
■ ERASE SUSPEND and RESUME MODES
    – Read and Program another Block during Erase Suspend
■ UNLOCK BYPASS PROGRAM COMMAND
    – Faster Production/Batch Programming
■ LOW POWER CONSUMPTION
    – Standby and Automatic Standby
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ 20 YEARS DATA RETENTION
    – Defectivity below 1 ppm/year
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code: E3h
■ ECOPACK® PACKAGES AVAILABLE




Similar Part No. - 29W040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29W040 STMICROELECTRONICS-29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
More results


Similar Description - 29W040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
Nov-1999
M29W004BT STMICROELECTRONICS-M29W004BT Datasheet
157Kb / 20P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
09-Mar-2000
M29W004T STMICROELECTRONICS-M29W004T Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
22-Apr-2002
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
19-Sep-2005
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com