Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29W040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29W040 Datasheet(HTML) 1 Page - STMicroelectronics

  29W040 Datasheet HTML 1Page - STMicroelectronics 29W040 Datasheet HTML 2Page - STMicroelectronics 29W040 Datasheet HTML 3Page - STMicroelectronics 29W040 Datasheet HTML 4Page - STMicroelectronics 29W040 Datasheet HTML 5Page - STMicroelectronics 29W040 Datasheet HTML 6Page - STMicroelectronics 29W040 Datasheet HTML 7Page - STMicroelectronics 29W040 Datasheet HTML 8Page - STMicroelectronics 29W040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
September 2005
M29W040B
4 Mbit (512Kb x8, Uniform Block)
Low Voltage Single Supply Flash Memory
■
SINGLE 2.7 to 3.6V SUPPLY VOLTAGE for
PROGRAM, ERASE and READ OPERATIONS
■
ACCESS TIME: 55ns
■
PROGRAMMING TIME
– 10µs per Byte typical
■
8 UNIFORM 64 Kbytes MEMORY BLOCKS
■
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program algorithm
– Embedded Multi-Block/Chip Erase algorithm
– Status Register Polling and Toggle Bits
■
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
■
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
■
LOW POWER CONSUMPTION
– Standby and Automatic Standby
■
100,000 PROGRAM/ERASE CYCLES per
BLOCK
■
20 YEARS DATA RETENTION
– Defectivity below 1 ppm/year
■
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: E3h
■
ECOPACK® PACKAGES AVAILABLE
TSOP32 (N)
8 x 20mm
PLCC32 (K)
TSOP32 (NZ)
8 x 14mm
Figure 1. Logic Diagram
AI02953
19
A0-A18
W
DQ0-DQ7
VCC
M29W040B
G
E
VSS
8


Similar Part No. - 29W040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29W040 STMICROELECTRONICS-29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
More results

Similar Description - 29W040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
Nov-1999
M29W004BT STMICROELECTRONICS-M29W004BT Datasheet
157Kb / 20P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
09-Mar-2000
M29W004T STMICROELECTRONICS-M29W004T Datasheet
222Kb / 30P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
22-Apr-2002
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
19-Sep-2005
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com