Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29W040 Datasheet(PDF) 13 Page - STMicroelectronics

Part # 29W040
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29W040 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 29W040 Datasheet HTML 9Page - STMicroelectronics 29W040 Datasheet HTML 10Page - STMicroelectronics 29W040 Datasheet HTML 11Page - STMicroelectronics 29W040 Datasheet HTML 12Page - STMicroelectronics 29W040 Datasheet HTML 13Page - STMicroelectronics 29W040 Datasheet HTML 14Page - STMicroelectronics 29W040 Datasheet HTML 15Page - STMicroelectronics 29W040 Datasheet HTML 16Page - STMicroelectronics 29W040 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
M29W040B
Figure 9. Write AC Waveforms, Write Enable Controlled
AI02908
E
G
W
A0-A18
DQ0-DQ7
VALID
VALID
VCC
tVCHEL
tWHEH
tWHWL
tELWL
tAVWL
tWHGL
tWLAX
tWHDX
tAVAV
tDVWH
tWLWH
tGHWL
Table 12. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70°C or –40 to 85°C)
Symbol
Alt
Parameter
M29W040B
Unit
55
70
90 / 120
tAVAV
tWC
Address Valid to Next Address Valid
Min
55
70
90
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
40
45
45
ns
tDVWH
tDS
Input Valid to Write Enable High
Min
25
30
45
ns
tWHDX
tDH
Write Enable High to Input Transition
Min
0
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
Min
30
30
30
ns
tAVWL
tAS
Address Valid to Write Enable Low
Min
0
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
Min
40
45
45
ns
tGHWL
Output Enable High to Write Enable Low
Min
0
0
0
ns
tWHGL
tOEH
Write Enable High to Output Enable Low
Min
0
0
0
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
Min
505050
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com