Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36W108B Datasheet (PDF) - STMicroelectronics

M36W108B Datasheet PDF - STMicroelectronics
Part # M36W108B
Download  M36W108B Download
File Size   247.26 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product

M36W108B Datasheet (PDF)

Go To PDF Page Download Datasheet
M36W108B Datasheet PDF - STMicroelectronics

Part # M36W108B
Download  M36W108B Click to download

File Size   247.26 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product

M36W108B Datasheet (HTML) - STMicroelectronics


M36W108B Product details

DESCRIPTION
The M36W108 is multi-chip device containing an 8 Mbit boot block Flash memory and a 1 Mbit of SRAM. The device is offered in the new Chip Scale Package solutions: LBGA48 1.0 mm ball pitch and LGA48 1.0 mm land pitch.

■ M36W108T and M36W108B are replaced respectively by the M36W108AT and M36W108AB
■ SUPPLY VOLTAGE
    – VCCF = VCCS = 2.7V to 3.6V: for Program, Erase and Read
■ ACCESS TIME: 100ns
■ LOW POWER CONSUMPTION
    – Read: 40mA max. (SRAM chip)
    – Stand-by: 30µA max. (SRAM chip)
    – Read: 10mA max. (Flash chip)
    – Stand-by: 100µA max. (Flash chip)

FLASH MEMORY
■ 8 Mbit (1Mb x 8) BOOT BLOCK ERASE
■ PROGRAMMING TIME: 10µs typical
■ PROGRAM/ERASE CONTROLLER (P/E.C.)
    – Program Byte-by-Byte
    – Status Register bits and Ready/Busy Output
■ MEMORY BLOCKS
    – Boot Block (Top or Bottom location)
    – Parameter and Main Blocks
■ BLOCK, MULTI-BLOCK and CHIP ERASE
■ ERASE SUSPEND and RESUME MODES
    – Read and Program another Block during Erase Suspend
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code, M36W108T: D2h
    – Device Code, M36W108B: DCh

SRAM
■ 1 Mbit (128Kb x 8)
■ POWER DOWN FEATURES USING TWO CHIP ENABLE INPUTS
■ LOW VCC DATA RETENTION: 2V




Similar Part No. - M36W108B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W108AB STMICROELECTRONICS-M36W108AB Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108AB100ZM1T STMICROELECTRONICS-M36W108AB100ZM1T Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108AB100ZM5T STMICROELECTRONICS-M36W108AB100ZM5T Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108AB100ZM6T STMICROELECTRONICS-M36W108AB100ZM6T Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108AB100ZN1T STMICROELECTRONICS-M36W108AB100ZN1T Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
More results


Similar Description - M36W108B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
19-Sep-2005
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29W008AT STMICROELECTRONICS-M29W008AT Datasheet
218Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W008T STMICROELECTRONICS-M29W008T Datasheet
219Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M29W010B STMICROELECTRONICS-M29W010B Datasheet
406Kb / 19P
1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M36W108AT STMICROELECTRONICS-M36W108AT Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W216TI STMICROELECTRONICS-M36W216TI Datasheet
434Kb / 62P
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT_04 Datasheet
717Kb / 40P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
09-Mar-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com