Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832NE Datasheet (PDF) - STMicroelectronics

M39832NE Datasheet PDF - STMicroelectronics
Part # M39832NE
Download  M39832NE Download
File Size   253.87 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory

M39832NE Datasheet (PDF)

Go To PDF Page Download Datasheet
M39832NE Datasheet PDF - STMicroelectronics

Part # M39832NE
Download  M39832NE Click to download

File Size   253.87 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory

M39832NE Datasheet (HTML) - STMicroelectronics


M39832NE Product details

DESCRIPTION
The M39832 is a memory device combining Flash and EEPROM into a single chip and using single supply voltage. The memory is mapped in two arrays: 8 Mbit of Flash memory and 256 Kbit of EEPROM memory. Each space is independant for writing, in concurrent mode the Flash Memory can be read while the EEPROM is being written.
An additional 64 bytes of EPROM are One Time Programmable.

■ 2.7V to 3.6V SUPPLY VOLTAGE for PROGRAM, ERASE and READ OPARATIONS FLASH ARRAY
    – Boot block (Top or Bottom location)
    – Parameter and Main blocks
    – Selectable x8/x16 Data Bus (BYTE pin).
■ EEPROM ARRAY
    – x8 Data Bus only.
■ 120ns ACCESS TIME (Flash and EEPROM array)
■ WRITE, PROGRAM and ERASE STATUS BITS
■ CONCURRENT MODE (Read Flash while writing to EEPROM)
■ 100,000 ERASE/WRITE CYCLES
■ 10 YEARS DATA RETENTION
■ LOW POWER CONSUMPTION
    – Stand-by mode: 100µA
    – Automatic Stand-by mode
■ 64 bytes ONE TIME PROGRAMMABLE MEMORY (x8 Data Bus only)
■ STANDARD EPROM/OTP MEMORY PACKAGE
■ EXTENDED TEMPERATURE RANGES




Similar Part No. - M39832NE

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
M390 ADVANCEDENERGY-M390 Datasheet
526Kb / 5P
MIKRON M390
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
M39003 KEMET-M39003 Datasheet
79Kb / 1P
Capacitor, Tantalum, 10 uF, /-10% Tol, 6V@85C
logo
Vishay Siliconix
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
Solid-Electrolyte TANTALEX™ Capacitors, Military MIL-PRF-39003/09 Qualified, Style CSR21
05-Aug-2020
M39003-01-2254 VISHAY-M39003-01-2254 Datasheet
113Kb / 12P
Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
21-Mar-13
More results


Similar Description - M39832NE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
14-Jan-2000
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
06-Mar-2000
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M39432 STMICROELECTRONICS-M39432 Datasheet
221Kb / 28P
Single Chip 4 Mbit Flash Memory and 256 Kbit Parallel EEPROM
25-Nov-1999
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
17-Feb-2003
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
16-Sep-2004
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
24-Aug-2006
M29W800AT STMICROELECTRONICS-M29W800AT_04 Datasheet
717Kb / 40P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
09-Mar-2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com