Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832NE Datasheet(PDF) 9 Page - STMicroelectronics

Part # M39832NE
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832NE Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M39832NE Datasheet HTML 5Page - STMicroelectronics M39832NE Datasheet HTML 6Page - STMicroelectronics M39832NE Datasheet HTML 7Page - STMicroelectronics M39832NE Datasheet HTML 8Page - STMicroelectronics M39832NE Datasheet HTML 9Page - STMicroelectronics M39832NE Datasheet HTML 10Page - STMicroelectronics M39832NE Datasheet HTML 11Page - STMicroelectronics M39832NE Datasheet HTML 12Page - STMicroelectronics M39832NE Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Mne.
Instr.
Cyc.
1st
Cyc.
2nd
Cyc.
3rd
Cyc.
4th
Cyc.
5th
Cyc.
6th
Cyc.
7th
Cyc.
RD
(2,4)
Read/Reset
Memory
Array
1+
Addr.
(3,7)
X
Read Memory Array until a new write cycle is initiated.
Data
F0h
3+
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
Read Memory Array until a new write
cycle is initiated.
Word
5555h
2AAAh
5555h
Data
AAh
55h
F0h
AS
(4)
Auto Select
3+
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
Read Electronic Signature or Block
Protection Status until a new write
cycle is initiated. See Note 5 and 6.
Word
5555h
2AAAh
5555h
Data
AAh
55h
90h
PG
Program
4
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh Program
Address
Read Data Polling or
Toggle Bit until Program
completes.
Word
5555h
2AAAh
5555h
Data
AAh
55h
A0h
Program
Data
BE
Block Erase
6
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
AAAAh
5555h
Block
Address
Additiona
l Block
(8)
Word
5555h
2AAAh
5555h
5555h
2AAAh
Data
AAh
55h
80h
AAh
55h
30h
30h
FAE
Flash Array
Erase
6
Addr.
(3,7)
Byte
AAAAh
5555h
AAAAh
AAAAh
5555h
AAAAh
Note 9
Word
5555h
2AAAh
5555h
5555h
2AAAh
5555h
Data
AAh
55h
80h
AAh
55h
10h
ES
(10)
Erase
Suspend
1
Addr.
(3,7)
X
Read until Toggle stops, then read all the data needed
from any Block(s) not being erased then Resume Erase.
Data
B0h
ER
Erase
Resume
1
Addr.
(3,7)
X
Read Data Polling or Toggle Bits until Erase completes
or Erase is suspended another time
Data
30h
Notes: 1. Commands not interpreted in this table will default to read array mode.
2. A wait of tPLYH is necessary after a Read/Reset command if the memory was in an Erase or Program mode
before starting any new operation (see Table 14 and Figure 9).
3. X = Don’t Care.
4. The first cycles of the RD or AS instructions are followed by read operations. Any number of read cycles can occur after
the command cycles.
5. Signature Address bits A0, A1, at VIL will output Manufacturer code (20h). Address bits A0 at VIH and A1, at VIL will output
Flash code.
6. Block Protection Address: A0, at VIL, A1 at VIH and A15-A18 within the Block will output the Block Protection status.
7. For Coded cycles address inputs A11-A18 are don’t care.
8. Optional, additional Blocks addresses must be entered within the erase timeout delay after last write entry, timeout status
can be verified through DQ3 value (see Erase Timer Bit DQ3 description). When full command is entered, read Data Polling
or Toggle bit until Erase is completed or suspended.
9. Read Data Polling, Toggle bits or FRB until Erase completes.
10.During Erase Suspend, Read and Data Program functions are allowed in blocks not being erased.
Table 5A. Flash Instructions (EF=0, EE=1)
9/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com