Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832NE Datasheet(PDF) 34 Page - STMicroelectronics

Part # M39832NE
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832NE Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M39832NE Datasheet HTML 28Page - STMicroelectronics M39832NE Datasheet HTML 29Page - STMicroelectronics M39832NE Datasheet HTML 30Page - STMicroelectronics M39832NE Datasheet HTML 31Page - STMicroelectronics M39832NE Datasheet HTML 32Page - STMicroelectronics M39832NE Datasheet HTML 33Page - STMicroelectronics M39832NE Datasheet HTML 34Page - STMicroelectronics M39832NE Datasheet HTML 35Page - STMicroelectronics M39832NE Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
ORDERING INFORMATION SCHEME
Devices are shipped from the factory with the memory content set at all "1’s" (FFh).
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
Array Matrix
T
Top Boot
B
Bottom Boot
Speed
12
120ns
15
150ns
Operating Voltage
W
2.7V to 3.6V
Package
NE TSOP48
12 x 20mm
Option
T
Tape & Reel
Packing
Temp. Range
1
0 to 70
°C
6
–40 to 85
°C
Example:
M39832 -
B
15
W
NE
6
T
34/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com