Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832NE Datasheet(PDF) 23 Page - STMicroelectronics

Part # M39832NE
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832NE Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M39832NE Datasheet HTML 19Page - STMicroelectronics M39832NE Datasheet HTML 20Page - STMicroelectronics M39832NE Datasheet HTML 21Page - STMicroelectronics M39832NE Datasheet HTML 22Page - STMicroelectronics M39832NE Datasheet HTML 23Page - STMicroelectronics M39832NE Datasheet HTML 24Page - STMicroelectronics M39832NE Datasheet HTML 25Page - STMicroelectronics M39832NE Datasheet HTML 26Page - STMicroelectronics M39832NE Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
(1)
Supply Current (Read Flash)
EE = VIH, EF = VIL, G =
VIH, f = 6MHz
10
mA
ICC2
Supply Current (Read EEPROM)
EE = VIL, EF = VIH, G =
VIH, f = 6MHz
10
mA
ICC3
Supply Current (Standby)
EF = EE = VCC
± 0.2V
100
µA
ICC4
Supply Current (Flash Block
Program or Erase)
Byte program, Sector or
Chip Erase in progress
20
mA
ICC5
Supply Current (EEPROM Write)
During tWC
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 1.8mA
0.45
V
VOH
Output High Voltage
IOH = –100
µAVCC –0.4
V
VID
A9 High Voltage
11.5
12.5
V
IID
VID Current
A9 = VID
100
µA
VLKO
VCC Minimum for Write, Erase and
Program
1.9
2.3
V
Note: 1. When reading the Flash block when an EEPROM byte(s) is under a write cycle, the supply current is ICC1 + ICC5.
Table 12. DC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 2.7 to 3.6V)
23/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com