Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832NE Datasheet(PDF) 11 Page - STMicroelectronics

Part # M39832NE
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832NE Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M39832NE Datasheet HTML 7Page - STMicroelectronics M39832NE Datasheet HTML 8Page - STMicroelectronics M39832NE Datasheet HTML 9Page - STMicroelectronics M39832NE Datasheet HTML 10Page - STMicroelectronics M39832NE Datasheet HTML 11Page - STMicroelectronics M39832NE Datasheet HTML 12Page - STMicroelectronics M39832NE Datasheet HTML 13Page - STMicroelectronics M39832NE Datasheet HTML 14Page - STMicroelectronics M39832NE Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Operation
EE EF
G
W
RP BYTE A0 A1 A6 A9
A12
A15
DQ15
A–1
DQ8-
DQ14
DQ0-DQ7
Block
Protection
(2,4)
VIH VIL VID
VIL
Pulse
VIH
X
XXX
VID
XX
X
X
X
Blocks
Unprotection
(4)
VIH VID VID
VIL
Pulse
VIH
X
XXX
VID
VIH
VIH
XX
X
Block
Protection
Verify
(2,4)
VIH VIL VIL
VIH
VIH
XVIL VIH VIL VID A12
A15
X
X
Block Protect
Status
(3)
Block
Unprotection
Verify
(2,4)
VIH VIL VIL
VIH
VIH
XVIL VIH VIH VID A12
A15
X
X
Block Protect
Status
(3)
Block
Temporary
Unprotection
VIH
XX
X
VID
X
XXXX
X
X
X
X
X
Write the
EEPROM
Identifier
(5)
VIL VIH
VIH
VIL
VIH
VIL
A0 A1 VIL VID
XX
A–1
X
64 Bytes User
Defined
VIH
VIL
VIH
VIH
A0 A1 VIL VID
XX
X
X
64 Bytes User
Defined
Read the
EEPROM
Identifier
(5)
VIL VIH
VIL
VIH
VIH
VIL
A0 A1 VIL VID
XX
A–1
X
64 Bytes User
Defined
VIL
VIH
VIH
VIH
A0 A1 VIL VID
XX
X
X
64 Bytes User
Defined
Notes: 1. X = VIL or VIH
2. Block Address must be given on A12-A18 bits.
3. See Table 8.
4. Operation performed on programming equipment.
5. The 65 Bytes User defined EEPROM Identifier are accessed on DQ0-DQ7 with A0 to A5 when BYTE = 1 (x16) or with A–1 to A4
when BYTE = 0 (x8)
Table 6. User Bus Operations (1)
Org.
Code
Device
EE
EF
G
W
BYTE
A0
A1
Other
Addresses
DQ15
A–1
DQ8-
DQ14
DQ0-
DQ7
Word-
wide
Manufacturer
VIH VIL
VIL VIH
VIH
VIL VIL
Don’t Care
0
00h
20h
Flash
M39832-T
VIH VIL
VIL VIH
VIH
VIH VIL
Don’t Care
0
00h
D7h
M39832-B
VIH VIL
VIL VIH
VIH
VIH VIL
Don’t Care
0
00h
5Bh
Byte-
wide
Manufacturer
VIH VIL
VIL VIH
VIL
VIL
VIL
Don’t Care
Don’t
Care
Hi-Z
20h
Flash
M39832-T
VIH VIL
VIL VIH
VIL
VIH VIL
Don’t Care
Don’t
Care
Hi-Z
D7h
M39832-B
VIH VIL
VIL VIH
VIL
VIH VIL
Don’t Care
Don’t
Care
Hi-Z
5Bh
Table 7. Read Electronic Signature (following AS instruction or with A9 = VID)
11/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com