Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39832NE Datasheet(PDF) 12 Page - STMicroelectronics

Part # M39832NE
Description  Single Chip 8 Mbit 1Mb x8 or 512Kb x16 Flash and 256 Kbit Parallel EEPROM Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M39832NE Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M39832NE Datasheet HTML 8Page - STMicroelectronics M39832NE Datasheet HTML 9Page - STMicroelectronics M39832NE Datasheet HTML 10Page - STMicroelectronics M39832NE Datasheet HTML 11Page - STMicroelectronics M39832NE Datasheet HTML 12Page - STMicroelectronics M39832NE Datasheet HTML 13Page - STMicroelectronics M39832NE Datasheet HTML 14Page - STMicroelectronics M39832NE Datasheet HTML 15Page - STMicroelectronics M39832NE Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
DQ
Name
Logic Level
Definition
Note
7
Data
Polling
’1’
Erase Complete or erase
block in Erase Suspend
Indicates the P/E.C. status, check during
Program or Erase, and on completion
before checking bits DQ5 for Program or
Erase Success.
’0’
Erase On-going
DQ
Program Complete or data
of non erase block during
Erase Suspend
DQ
Program On-going
6
Toggle Bit
’-1-0-1-0-1-0-1-’
Erase or Program On-going
Successive reads output complementary
data on DQ6 while Programming or Erase
operations are on-going. DQ6 remains at
constant level when P/E.C. operations are
completed or Erase Suspend is
acknowledged.
DQ
Program Complete
’-1-1-1-1-1-1-1-’
Erase Complete or Erase
Suspend on currently
addressed block
5
Error Bit
’1’
Program or Erase Error
This bit is set to ’1’ in the case of
Programming or Erase failure.
’0’
Program or Erase On-going
4
Reserved
3
Erase
Time Bit
’1’
Erase Timeout Period Expired
P/E.C. Erase operation has started. Only
possible command entry is Erase Suspend
(ES).
’0’
Erase Timeout Period
On-going
An additional block to be erased in parallel
can be entered to the P/E.C.
2
Toggle Bit
’-1-0-1-0-1-0-1-’
Chip Erase, Erase or Erase
Suspend on the currently
addressed block.
Erase Error due to the
currently addressed block
(when DQ5 = ’1’).
Indicates the erase status and allows to
identify the erased block
1
Program on-going, Erase
on-going on another block or
Erase Complete
DQ
Erase Suspend read on
non Erase Suspend block
1
Reserved
0
Reserved
Notes: Logic level ’1’ is High, ’0’ is Low. -0-1-0-0-0-1-1-1-0- represent bit value in successive Read operations.
Table 9. Status Bit
Code
E
G
W
A0
A1
A12-A18
Other
Addresses
DQ0-DQ7
Protected Block
VIL
VIL
VIH
VIL
VIH
Block Address
Don’t Care
01h
Unprotected Block
VIL
VIL
VIH
VIL
VIH
Block Address
Don’t Care
00h
Table 8. Read Block Protection with AS Instruction (EF = 0, EE = 1)
12/36
M39832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com